Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E Datasheet HTML 19Page - Renesas Technology Corp AT45DB321E Datasheet HTML 20Page - Renesas Technology Corp AT45DB321E Datasheet HTML 21Page - Renesas Technology Corp AT45DB321E Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 18
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.5
Main Memory Byte/Page Program through Buffer 1 without Built-In Erase
The Main Memory Byte/Page Program through Buffer 1 without Built-In Erase command combines both the Buffer
Write and Buffer to Main Memory Program without Built-In Erase operations to allow any number of bytes (1 to
512/528 bytes) to be programmed directly into previously erased locations in the main memory array. With the
Main Memory Byte/Page Program through Buffer 1 without Built-In Erase command, data is first clocked into
Buffer 1, and then only the bytes clocked into the buffer are programmed into the pre-erased byte locations in
main memory. Multiple bytes up to the page size can be entered with one command sequence.
To perform a Main Memory Byte/Page Program through Buffer 1 using the standard DataFlash page size (528
bytes), an opcode of 02h must first be clocked into the device followed by three address bytes comprised of one
dummy bit, 13 page address bits (PA12 - PA0) that specify the page in the main memory to be written, and 10
buffer address bits (BFA9 - BFA0) that select the first byte in the buffer to be written. After all address bytes are
clocked in, the device takes data from the input pin (SI) and store it in Buffer 1. Any number of bytes (1 to 528) can
be entered. If the end of the buffer is reached, then the device wraps around back to the beginning of the buffer.
To perform a Main Memory Byte/Page Program through Buffer 1 using the binary page size (512 bytes), an
opcode of 02h for Buffer 1 using must first be clocked into the device followed by three address bytes comprised
of two dummy bits, 13 page address bits (A21 - A9) that specify the page in the main memory to be written, and
nine buffer address bits (BFA8 - BFA0) that selects the first byte in the buffer to be written. After all address bytes
are clocked in, the device takes data from the input pin (SI) and store it in Buffer 1. Any number of bytes (1 to 512)
can be entered. If the end of the buffer is reached, then the device wraps around back to the beginning of the
buffer. When using the binary page size, the page and buffer address bits correspond to a 22-bit logical address
(A21-A0) in the main memory.
After all data bytes have been clocked into the device, a low-to-high transition on the CS pin starts the program
operation in which the device programs the data stored in Buffer 1 into the main memory array. Only the data
bytes that were clocked into the device are programmed into the main memory.
Example: If only two data bytes were clocked into the device, then only two bytes are programmed into main
memory and the remaining bytes in the memory page remain in their previous state.
The CS pin must be deasserted on a byte boundary (multiples of eight bits); otherwise, the operation is aborted
and no data are programmed. The programming of the data bytes is internally self-timed and takes place in a
maximum time of tP (the program time is a multiple of the tBP time depending on the number of bytes being
programmed). During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com