Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 70Page - Renesas Technology Corp AT45DB321E Datasheet HTML 71Page - Renesas Technology Corp AT45DB321E Datasheet HTML 72Page - Renesas Technology Corp AT45DB321E Datasheet HTML 73Page - Renesas Technology Corp AT45DB321E Datasheet HTML 74Page - Renesas Technology Corp AT45DB321E Datasheet HTML 75Page - Renesas Technology Corp AT45DB321E Datasheet HTML 76Page - Renesas Technology Corp AT45DB321E Datasheet HTML 77Page - Renesas Technology Corp AT45DB321E Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 74
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
Figure 51. Algorithm for Programming or Re-programming of the Entire Array Randomly
Note:
1. To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within every 50,000 cumulative
page erase and program operations
2. A page address pointer must be maintained to indicate which page is to be rewritten. The auto page rewrite command must use the
address specified by the page address pointer
3. Other algorithms can be used to rewrite portions of the Flash array. Low-power applications can choose to wait until 50,000 cumulative
page erase and program operations have accumulated before rewriting all pages of the sector. See application note AN-4 (“Using
Renesas Electronics’s Serial DataFlash”) for more details
START
Main Memory Page
to Buffer Transfer
(53h, 55h)
Increment Page
Address Pointer
(2)
Auto Page Rewrite
(2)
(58h, 59h)
END
Provide Address of
Page to Modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
Main Memory Page Program
through Buffer
(82h, 85h)
Buffer Write
(84h, 87h)
Buffer to Main
Memory Page Program
(83h, 86h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com