Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 10Page - Renesas Technology Corp AT45DB321E Datasheet HTML 11Page - Renesas Technology Corp AT45DB321E Datasheet HTML 12Page - Renesas Technology Corp AT45DB321E Datasheet HTML 13Page - Renesas Technology Corp AT45DB321E Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 14
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
6.4
Continuous Array Read (Low Frequency Mode: 03h Opcode)
This command can be used to read the main memory array sequentially at lower clock frequencies up to
maximum specified by fCAR2. Unlike the previously described read commands, this Continuous Array Read
command for the lower clock frequencies does not require the clocking in of dummy bytes after the address byte
sequence. To perform a Continuous Array Read using the standard DataFlash page size (528 bytes), the CS pin
must first be asserted, and then an opcode of 03h must be clocked into the device followed by three address
bytes. The first 13 bits (PA12 - PA0) of the 23-bit address sequence specify which page of the main memory array
to read and the last 10 bits (BA9 - BA0) of the 23-bit address sequence specify the starting byte address within the
page. To perform a Continuous Array Read using the binary page size (512 bytes), the opcode 03h must be
clocked into the device followed by three address bytes (A21 - A0). Following the address bytes, additional clock
pulses on the SCK pin result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading
at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR2 specification. The
Continuous Array Read bypasses both data buffers and leaves the contents of the buffers unchanged.
6.5
Continuous Array Read (Low Power Mode: 01h Opcode)
This command is ideal for applications that want to minimize power consumption and do not need to read the
memory array at high frequencies. Like the 03h opcode, this Continuous Array Read command allows reading the
main memory array sequentially without the need for dummy bytes to be clocked in after the address byte
sequence. The memory can be read at clock frequencies up to maximum specified by fCAR3. To perform a
Continuous Array Read using the standard DataFlash page size (528 bytes), the CS pin must first be asserted,
and then an opcode of 01h must be clocked into the device followed by three address bytes. The first 13 bits
(PA12 - PA0) of the 23-bit address sequence specify which page of the main memory array to read and the last 10
bits (BA9 - BA0) of the 23-bit address sequence specify the starting byte address within the page. To perform a
Continuous Array Read using the binary page size (512 bytes), the opcode 01h must be clocked into the device
followed by three address bytes (A21 - A0). Following the address bytes, additional clock pulses on the SCK pin
result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, and the reading of data. When
the end of a page in the main memory is reached during a Continuous Array Read, the device continues reading
at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from
the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device continues reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays are incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR3 specification. The
Continuous Array Read bypasses both data buffers and leaves the contents of the buffers unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com