Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 32Page - Renesas Technology Corp AT45DB321E Datasheet HTML 33Page - Renesas Technology Corp AT45DB321E Datasheet HTML 34Page - Renesas Technology Corp AT45DB321E Datasheet HTML 35Page - Renesas Technology Corp AT45DB321E Datasheet HTML 36Page - Renesas Technology Corp AT45DB321E Datasheet HTML 37Page - Renesas Technology Corp AT45DB321E Datasheet HTML 38Page - Renesas Technology Corp AT45DB321E Datasheet HTML 39Page - Renesas Technology Corp AT45DB321E Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 36
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
8.2
Security Register
The device contains a specialized Security Register that can be used for purposes such as unique device
serialization or locked key storage. The register is comprised of a total of 128 bytes that is divided into two
portions. The first 64 bytes (byte locations 0 through 63) of the Security Register are allocated as a One-Time
Programmable space. Once these 64 bytes have been programmed, they cannot be erased or reprogrammed.
The remaining 64 bytes of the register (byte locations 64 through 127) are factory programmed by Renesas
Electronics and contains a unique value for each device. The factory programmed data is fixed and cannot be
changed.
Table 19. Security Register
8.2.1
Programming the Security Register
The user programmable portion of the Security Register does not need to be erased before it is programmed.
To program the Security Register, a four-byte opcode sequence of 9Bh, 00h, 00h, and 00h must be clocked into
the device. After the last bit of the opcode sequence has been clocked into the device, the data for the contents of
the 64-byte user programmable portion of the Security Register must be clocked in.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the internally self-timed
program cycle. The programming of the Security Register takes place in a time of tP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down during the
program cycle, then the contents of the 64-byte user programmable portion of the Security Register cannot be
guaranteed.
If the full 64 bytes of data are not clocked in before the CS pin is deasserted, then the values of the byte locations
not clocked in cannot be guaranteed.
Example: If only the first two bytes are clocked in instead of the complete 64 bytes, then the remaining 62 bytes of
the user programmable portion of the Security Register cannot be guaranteed. Furthermore, if more than
64 bytes of data is clocked into the device, then the data wraps back around to the beginning of the register. For
example, if 65 bytes of data are clocked in, then the 65th byte is stored at byte location 0 of the Security Register.
Warning: The user programmable portion of the Security Register can only be programmed one time.
Thus, it is not possible, for example, to only program the first two bytes of the register and then program the
remaining 62 bytes at a later time.
The Program Security Register command uses Buffer 1 for processing. Thus, the contents of Buffer 1 is altered
from its previous state when this command is issued.
Figure 14. Program Security Register
Security Register Byte Number
0
1
· · ·
63
64
65
· · ·
127
Data Type
One-Time User Programmable
Factory Programmed by Renesas Electronics
Data
n
9Bh
00h
00h
00h
Data
n + 1
Data
n + x
CS
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com