Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 36Page - Renesas Technology Corp AT45DB321E Datasheet HTML 37Page - Renesas Technology Corp AT45DB321E Datasheet HTML 38Page - Renesas Technology Corp AT45DB321E Datasheet HTML 39Page - Renesas Technology Corp AT45DB321E Datasheet HTML 40Page - Renesas Technology Corp AT45DB321E Datasheet HTML 41Page - Renesas Technology Corp AT45DB321E Datasheet HTML 42Page - Renesas Technology Corp AT45DB321E Datasheet HTML 43Page - Renesas Technology Corp AT45DB321E Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 40
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
Table 21. Status Register Format – Byte 2
1. R = Readable only.
Bit
Name
Type1
Description
7RDY/BUSY Ready/Busy Status
R
0
Device is busy with an internal operation.
1
Device is ready.
6
RES
Reserved for Future Use
R
0
Reserved for future use.
5
EPE
Erase/Program Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
RES
Reserved for Future Use
R
0
Reserved for future use.
3
SLE
Sector Lockdown Enabled
R
0
Sector Lockdown command is disabled.
1
Sector Lockdown command is enabled.
2PS2
Program Suspend Status
(Buffer 2)
R
0
No program operation has been suspended while using Buffer 2.
1
A sector is program suspended while using Buffer 2.
1PS1
Program Suspend Status
(Buffer 1)
R
0
No program operation has been suspended while using Buffer 1.
1
A sector is program suspended while using Buffer 1.
0
ES
Erase Suspend
R
0
No sectors are erase suspended.
1
A sector is erase suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com