Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 49Page - Renesas Technology Corp AT45DB321E Datasheet HTML 50Page - Renesas Technology Corp AT45DB321E Datasheet HTML 51Page - Renesas Technology Corp AT45DB321E Datasheet HTML 52Page - Renesas Technology Corp AT45DB321E Datasheet HTML 53Page - Renesas Technology Corp AT45DB321E Datasheet HTML 54Page - Renesas Technology Corp AT45DB321E Datasheet HTML 55Page - Renesas Technology Corp AT45DB321E Datasheet HTML 56Page - Renesas Technology Corp AT45DB321E Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 53
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
Table 32. Detailed Bit-level Addressing Sequence for Binary Page Size (512 bytes)
X = Dummy Bit
Page Size = 512 bytes
Address Byte
Address Byte
Address Byte
Additional
Dummy
Bytes
Opcode
Opcode
01h
0 0 0 0 0 0 0 1 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
02h
0 0 0 0 0 0 1 0 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
03h
0 0 0 0 0 0 1 1 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
0Bh
0 0 0 0 1 0 1 1 X XA AA AA AA AA AA AA AA AA A A A A A
1
1Bh
0 0 0 1 1 0 1 1 X XA AA AA AA AA AA AA AA AA A A A A A
2
32h
0 0 1 1 0 0 1 0 XX XX XX XX XX XX XX XX XX XXX XX X
N/A
35h
0 0 1 1 0 1 0 1 XX XX XX XX XX XX XX XX XX XXX XX X
N/A
50h
0 1 0 1 0 0 0 0 XX AA AA AA AA AA XX XX XX XXX XX X
N/A
53h
0 1 0 1 0 0 1 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
55h
0 1 0 1 0 1 0 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
58h[1]
1. Shown to indicate when Auto Page Rewrite Operation is executed.
0 1 0 1 1 0 0 0 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
58h[2]
2. Shown to indicate when Read Modify Write Operation is executed.
0 1 0 1 1 0 0 0 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
59h[1]
0 1 0 1 1 0 0 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
59h[2]
0 1 0 1 1 0 0 1 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
60h
0 1 1 0 0 0 0 0 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
61h
0 1 1 0 0 0 0 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
77h
0 1 1 1 0 1 1 1 XX XX XX XX XX XX XX XX XX XXX XX X
N/A
79h
01 11 10 01
N/A
N/A
N/A
N/A
7Ch
0 1 1 1 1 1 0 0 X XA AA AA AX XX XX XX XX XX X X X X X
N/A
81h
1 0 0 0 0 0 0 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
82h
1 0 0 0 0 0 1 0 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
83h
1 0 0 0 0 0 1 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
84h
1 0 0 0 0 1 0 0 XX XX XX XX XX XX XX XA AA AAA AA A
N/A
85h
1 0 0 0 0 1 0 1 XX AA AA AA AA AA AA AA AA AAA AA A
N/A
86h
1 0 0 0 0 1 1 0 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
87h
1 0 0 0 0 1 1 1 XX XX XX XX XX XX XX XA AA AAA AA A
N/A
88h
1 0 0 0 1 0 0 0 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
89h
1 0 0 0 1 0 0 1 XX AA AA AA AA AA AA AX XX XXX XX X
N/A
9Fh
1 00 11 11 1
N/A
N/A
N/A
N/A
B9h
1 01 11 00 1
N/A
N/A
N/A
N/A
ABh
10 10 10 11
N/A
N/A
N/A
N/A
B0h
1 01 10 00 0
N/A
N/A
N/A
N/A
D0h
1 10 10 00 0
N/A
N/A
N/A
N/A
D1h
1 1 0 1 0 0 0 1 X XX XX XX XX XX XX XX AA AA A A A A A
N/A
D2h
1 1 0 1 0 0 1 0 X XA AA AA AA AA AA AA AA AA A A A A A
4
D3h
1 1 0 1 0 0 1 1 X XX XX XX XX XX XX XX AA AA A A A A A
N/A
D4h
1 1 0 1 0 1 0 0 X XX XX XX XX XX XX XX AA AA A A A A A
1
D6h
1 1 0 1 0 1 1 0 X XX XX XX XX XX XX XX AA AA A A A A A
1
D7h
1 10 10 11 1
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com