Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 3Page - Renesas Technology Corp AT45DB321E Datasheet HTML 4Page - Renesas Technology Corp AT45DB321E Datasheet HTML 5Page - Renesas Technology Corp AT45DB321E Datasheet HTML 6Page - Renesas Technology Corp AT45DB321E Datasheet HTML 7Page - Renesas Technology Corp AT45DB321E Datasheet HTML 8Page - Renesas Technology Corp AT45DB321E Datasheet HTML 9Page - Renesas Technology Corp AT45DB321E Datasheet HTML 10Page - Renesas Technology Corp AT45DB321E Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 7
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
2.
Pin Configurations and Pinouts
Figure 1. Pinouts
Note: The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential. This
pad can be a “no connect” or connected to GND.
Table 1. Pin Configurations
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select
Asserting the CS pin selects the device. When the CS pin is deasserted, the device is
deselected and normally be placed in the standby mode (not Deep Power-Down mode) and
the output pin (SO) is in a high-impedance state. When the device is deselected, data is not
accepted on the input pin (SI).
A high-to-low transition on the CS pin is required to start an operation and a low-to-high
transition is required to end an operation. When ending an internally self-timed operation such
as a program or erase cycle, the device does not enter the standby mode until the completion
of the operation.
Low
Input
SCK
Serial Clock
This pin is used to provide a clock to the device and is used to control the flow of data to and
from the device. Command, address, and input data present on the SI pin is always latched
on the rising edge of SCK, while output data on the SO pin is always clocked out on the falling
edge of SCK.
—
Input
SI
Serial Input
The SI pin is used to shift data into the device. The SI pin is used for all data input including
command and address sequences. Data on the SI pin is always latched on the rising edge of
SCK. Data present on the SI pin are ignored whenever the device is deselected (CS is
deasserted).
—
Input
SO
Serial Output
The SO pin is used to shift data out from the device. Data on the SO pin is always clocked out
on the falling edge of SCK. The SO pin is in a high-impedance state whenever the device is
deselected (CS is deasserted).
—
Output
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP
8-lead SOIC
Top View
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
8-pad UDFN and DFN
Top View
(Through Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com