Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E Datasheet HTML 19Page - Renesas Technology Corp AT45DB321E Datasheet HTML 20Page - Renesas Technology Corp AT45DB321E Datasheet HTML 21Page - Renesas Technology Corp AT45DB321E Datasheet HTML 22Page - Renesas Technology Corp AT45DB321E Datasheet HTML 23Page - Renesas Technology Corp AT45DB321E Datasheet HTML 24Page - Renesas Technology Corp AT45DB321E Datasheet HTML 25Page - Renesas Technology Corp AT45DB321E Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 22
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.9
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
The main memory array is comprised of 64 sectors, and only one sector can be erased at a time. To perform an
erase of Sector 0a or Sector 0b with the standard DataFlash page size (528 bytes), an opcode of 7Ch must be
clocked into the device followed by three address bytes comprised of one dummy bit, 10 page address bits (PA12
- PA3), and 13 dummy bits. To perform a Sector 1-63 erase, an opcode of 7Ch must be clocked into the device
followed by three address bytes comprised of one dummy bit, six page address bits (PA12 - PA7), and 17 dummy
bits.
To perform a Sector 0a or Sector 0b erase with the binary page size (512 bytes), an opcode of 7Ch must be
clocked into the device followed by three address bytes comprised of two dummy bits, 10 page address bits (A21
- A12), and 12 dummy bits. To perform a Sector 1-63 erase, an opcode of 7Ch must be clocked into the device
followed by two dummy bits, six page address bits (A21 - A16), and 16 dummy bits.
The page address bits are used to specify any valid address location within the sector to be erased. When a
low-to high transition occurs on the CS pin, the device erases the selected sector. The erase operation is internally
self-timed and takes place in a maximum time of tSE. During this time, the RDY/BUSY bit in the Status Register
indicates that the device is busy.
The device also incorporates an intelligent algorithm that can detect when a byte location fails to erase properly. If
an erase error arises, it is indicated by the EPE bit in the Status Register.
Table 3. Sector Erase Addressing
PA12/
A21
PA11/
A20
PA10/
A19
PA9/A
18
PA8/A
17
PA7/A
16
PA6/A
15
PA5/A
14
PA4/A
13
PA3/A
12
PA2/A
11
PA1/A
10
PA0/A
9
Sector
0
0
0
0000000
X
X
X
0a
0
0
0
0000001
X
X
X
0b
0
0
0
0
0
1
XXXXXXX
1
0
0
0
0
1
0
XXXXXXX
2
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
0
0
XXXXXXX
60
1
1
1
1
0
1
XXXXXXX
61
1
1
1
1
1
0
XXXXXXX
62
1
1
1
1
1
1
XXXXXXX
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com