Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 68Page - Renesas Technology Corp AT45DB321E Datasheet HTML 69Page - Renesas Technology Corp AT45DB321E Datasheet HTML 70Page - Renesas Technology Corp AT45DB321E Datasheet HTML 71Page - Renesas Technology Corp AT45DB321E Datasheet HTML 72Page - Renesas Technology Corp AT45DB321E Datasheet HTML 73Page - Renesas Technology Corp AT45DB321E Datasheet HTML 74Page - Renesas Technology Corp AT45DB321E Datasheet HTML 75Page - Renesas Technology Corp AT45DB321E Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 72
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
Figure 47. Status Register Read (Opcode D7h)
Figure 48. Manufacturer and Device Read (Opcode 9Fh)
Figure 49. Reset Timing
Note:
1. The CS signal must be in the high state before the RESET signal is deasserted.
SCK
CS
SI
SO
MSB
23
1
0
11010111
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
Opcode
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
Status Register Data
Status Register Data
High-impedance
SCK
CS
SI
SO
6
0
9Fh
8
7
46
Opcode
1Fh
01h
01h
00h
Manufacturer ID
Device ID
Byte 1
Device ID
Byte 2
EDI
String Length
EDI
Data Byte 1
High-impedance
14
16
15
22
24
23
38
40
39
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)
27h
CS
SCK
RESET
SO (Output)
High Impedance
High Impedance
SI (Input)
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com