Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 37Page - Renesas Technology Corp AT45DB321E Datasheet HTML 38Page - Renesas Technology Corp AT45DB321E Datasheet HTML 39Page - Renesas Technology Corp AT45DB321E Datasheet HTML 40Page - Renesas Technology Corp AT45DB321E Datasheet HTML 41Page - Renesas Technology Corp AT45DB321E Datasheet HTML 42Page - Renesas Technology Corp AT45DB321E Datasheet HTML 43Page - Renesas Technology Corp AT45DB321E Datasheet HTML 44Page - Renesas Technology Corp AT45DB321E Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 41
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
9.4.1
RDY/BUSY Bit
The RDY/BUSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BUSY bit to detect the completion of an internally timed operation, new Status Register
data must be continually clocked out of the device until the state of the RDY/BUSY bit changes from a Logic 0 to a
Logic 1.
9.4.2
COMP Bit
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using the COMP bit. If
the COMP bit is a Logic 1, then at least one bit of the data in the Main Memory Page does not match the data in
the buffer.
9.4.3
DENSITY Bits
The device density is indicated using the DENSITY bits. For the AT45DB321E, the four bit binary value is 1101.
The decimal value of these four binary bits does not actually equate to the device density; the four bits represent a
combinational code relating to differing densities of DataFlash devices. The DENSITY bits are not the same as the
density code indicated in the JEDEC Device ID information. The DENSITY bits are provided only for backward
compatibility to older generation DataFlash devices.
9.4.4
PROTECT Bit
The PROTECT bit provides information to the user on whether or not the sector protection has been enabled or
disabled, either by the software-controlled method or the hardware-controlled method.
9.4.5
PAGE SIZE Bit
The PAGE SIZE bit indicates whether the buffer size and the page size of the main memory array is configured for
the “power of 2” binary page size (512 bytes) or the standard DataFlash page size (528 bytes).
9.4.6
EPE Bit
The EPE bit indicates whether the last erase or program operation completed successfully or not. If at least one
byte during the erase or program operation did not erase or program properly, then the EPE bit is set to the Logic
1 state. The EPE bit is not set if an erase or program operation aborts for any reason, such as an attempt to erase
or program a protected region or a locked down sector or an attempt to erase or program a suspended sector. The
EPE bit is updated after every erase and program operation.
9.4.7
SLE Bit
The SLE bit indicates whether or not the Sector Lockdown command is enabled or disabled. If the SLE bit is a
Logic 1, then the Sector Lockdown command is still enabled and sectors can be locked down. If the SLE bit is a
Logic 0, then the Sector Lockdown command has been disabled and no further sectors can be locked down.
9.4.8
PS2 Bit
The PS2 bit indicates if a program operation has been suspended while using Buffer 2. If the PS2 bit is a Logic 1,
then a program operation has been suspended while Buffer 2 was being used, and any command attempts that
would modify the contents of Buffer 2 are ignored.
9.4.9
PS1 Bit
The PS1 bit indicates if a program operation has been suspended while using Buffer 1. If the PS1 bit is a Logic 1,
then a program operation has been suspended while Buffer 1 was being used, and any command attempts that
would modify the contents of Buffer 1 are ignored.
9.4.10
The ES bit
The ES bit indicates whether or not an erase has been suspended. If the ES bit is a Logic 1, then an erase
operation (page, block or sector) has been suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com