Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT45DB321E Datasheet HTML 1Page - Renesas Technology Corp AT45DB321E Datasheet HTML 2Page - Renesas Technology Corp AT45DB321E Datasheet HTML 3Page - Renesas Technology Corp AT45DB321E Datasheet HTML 4Page - Renesas Technology Corp AT45DB321E Datasheet HTML 5Page - Renesas Technology Corp AT45DB321E Datasheet HTML 6Page - Renesas Technology Corp AT45DB321E Datasheet HTML 7Page - Renesas Technology Corp AT45DB321E Datasheet HTML 8Page - Renesas Technology Corp AT45DB321E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Datasheet
DS-AT45DB321E-8784 Rev. N
Page 1
9/1/23
© 2023 Renesas Electronics
Features
• Single 2.3 V - 3.6 V supply
• Serial Peripheral Interface (SPI) compatible
• Supports SPI modes 0 and 3
• Supports RapidS™ operation
• Continuous read capability through entire array
• Up to 85 MHz
• Low-power read option up to 15 MHz
• Clock-to-output time (tV) of 6ns maximum
• User configurable page size
• 512 bytes per page
• 528 bytes per page (default)
• Page size can be factory pre-configured for 512 bytes
• Two fully independent SRAM data buffers (512/528 bytes)
• Flexible programming options
• Byte/Page Program (1 to 512/528 bytes) directly into main memory
•Buffer Write
• Buffer to Main Memory Page Program
• Flexible erase options
• Page Erase (512/528 bytes)
• Block Erase (4 kB)
• Sector Erase (64 kB)
• Chip Erase (32 Mbits)
• Program and Erase Suspend/Resume
• Advanced hardware and software data protection features
• Individual sector protection
• Individual sector lock-down to make any sector permanently read-only
• 128-byte, One-Time Programmable (OTP) Security Register
• 64 bytes factory programmed with a unique identifier
• 64 bytes user programmable
• Hardware and software controlled reset options
• JEDEC Standard Manufacturer and Device ID Read
• Low-power dissipation
• 400 nA Ultra-Deep Power-Down current (typical)
•3 μA Deep Power-Down current (typical)
•25 μA Standby current (typical)
• 7 mA Active Read current (typical)
• Endurance: 100,000 program/erase cycles per page minimum
• Data retention: 20 years
• Green (Pb/Halide-free/RoHS compliant) packaging options
• 8-lead SOIC (208-mil wide)
• 8-pad Ultra-thin DFN (5 x 6 x 0.6 mm)
• 8-pad DFN (6 x 8 x 1.0 mm)
• Die in Wafer Form
AT45DB321E
32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory


Similar Part No. - AT45DB321E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 72P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT45DB321E-CCHF2B-B ETC2-AT45DB321E-CCHF2B-B Datasheet
2Mb / 72P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB321E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB321E ETC2-AT45DB321E Datasheet
2Mb / 72P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB321E ETC2-AT45DB321E_13 Datasheet
2Mb / 73P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB161E DIALOG-AT45DB161E Datasheet
1Mb / 80P
16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
AT45DB321E DIALOG-AT45DB321E Datasheet
1Mb / 70P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB161E RENESAS-AT45DB161E Datasheet
2Mb / 77P
16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
1/27/23
AT45DB321E RENESAS-AT45DB321E Datasheet
2Mb / 69P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
2/2022
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com