Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 45Page - Renesas Technology Corp AT45DB321E Datasheet HTML 46Page - Renesas Technology Corp AT45DB321E Datasheet HTML 47Page - Renesas Technology Corp AT45DB321E Datasheet HTML 48Page - Renesas Technology Corp AT45DB321E Datasheet HTML 49Page - Renesas Technology Corp AT45DB321E Datasheet HTML 50Page - Renesas Technology Corp AT45DB321E Datasheet HTML 51Page - Renesas Technology Corp AT45DB321E Datasheet HTML 52Page - Renesas Technology Corp AT45DB321E Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 49
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
13. Software Reset
In some applications, it can be necessary to prematurely terminate a program or erase cycle early rather than wait
the hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally.
The Software Reset command allows a program or erase operation in progress to be ended abruptly and returns
the device to an idle state.
To perform a Software Reset, the CS pin must be asserted and a four-byte command sequence of F0h, 00h, 00h,
and 00h must be clocked into the device. Any additional data clocked into the device after the last byte are
ignored. When the CS pin is deasserted, the program or erase operation currently in progress is terminated within
a time tSWRST. Since the program or erase operation does not always complete before the device is reset, the
contents of the page being programmed or erased cannot be guaranteed to be valid.
The Software Reset command has no effect on the states of the Sector Protection Register, the Sector Lockdown
Register, or the buffer and page size configuration. The PS2, PS1, and ES bits of the Status Register, however,
are reset back to their default states. If a Software Reset operation is performed while a sector is erase
suspended, the suspend operation aborts and the contents of the page or block being erased in the suspended
sector is left in an undefined state. If a Software Reset is performed while a sector is program suspended, the
suspend operation aborts and the contents of the page that was being programmed and subsequently suspended
are undefined. The remaining pages in the sector retain their previous contents.
The complete four-byte opcode must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on a byte boundary (multiples of eight bits); otherwise, no reset operation is performed.
Table 26. Software Reset
Figure 22. Software Reset
Command
Byte 1
Byte 2
Byte 3
Byte 4
Software Reset
F0h
00h
00h
00h
CS
SI
F0h
00h
00h
00h
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com