Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E Datasheet HTML 19Page - Renesas Technology Corp AT45DB321E Datasheet HTML 20Page - Renesas Technology Corp AT45DB321E Datasheet HTML 21Page - Renesas Technology Corp AT45DB321E Datasheet HTML 22Page - Renesas Technology Corp AT45DB321E Datasheet HTML 23Page - Renesas Technology Corp AT45DB321E Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 20
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.7
Page Erase
The Page Erase command can be used to individually erase any page in the main memory array allowing the
Buffer to Main Memory Page Program without Built-In Erase command or the Main Memory Byte/Page Program
through Buffer 1 command to be used at a later time.
To perform a Page Erase with the standard DataFlash page size (528 bytes), an opcode of 81h must be clocked
into the device followed by three address bytes comprised of one dummy bits, 13 page address bits (PA12 - PA0)
that specify the page in the main memory to be erased, and 10 dummy bits. To perform a Page Erase with the
binary page size (512 bytes), an opcode of 81h must be clocked into the device followed by three address bytes
comprised of two dummy bits, 13 page address bits (A21 - A9) that specify the page in the main memory to be
erased, and nine dummy bits.
When a low-to-high transition occurs on the CS pin, the device erases the selected page (the erased state is a
Logic 1). The erase operation is internally self-timed and takes place in a maximum time of tPE. During this time,
the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com