Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 12Page - Renesas Technology Corp AT45DB321E Datasheet HTML 13Page - Renesas Technology Corp AT45DB321E Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E Datasheet HTML 19Page - Renesas Technology Corp AT45DB321E Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 16
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.
Program and Erase Commands
7.1
Buffer Write
Using the Buffer Write command allows data clocked in from the SI pin to be written directly into either one of the
SRAM data buffers.
To load data into a buffer using the standard DataFlash buffer size (528 bytes), an opcode of 84h for Buffer 1 or
87h for Buffer 2 must be clocked into the device followed by three address bytes comprised of 14 dummy bits and
10 buffer address bits (BFA9 - BFA0). The 10 buffer address bits specify the first byte in the buffer to be written.
To load data into a buffer using the binary buffer size (512 bytes), an opcode of 84h for Buffer 1 or 87h for Buffer 2,
must be clocked into the device followed by 15 dummy bits and nine buffer address bits (BFA8 - BFA0). The nine
buffer address bits specify the first byte in the buffer to be written.
After the last address byte has been clocked into the device, data can then be clocked in on subsequent clock
cycles. If the end of the data buffer is reached, the device wraps around back to the beginning of the buffer. Data
continues to be loaded into the buffer until a low-to-high transition is detected on the CS pin.
7.2
Buffer to Main Memory Page Program with Built-In Erase
The Buffer to Main Memory Page Program with Built-In Erase command allows data that is stored in one of the
SRAM buffers to be written into an erased or programmed page in the main memory array. It is not necessary to
pre-erase the page in main memory to be written because this command automatically erases the selected page
prior to the program cycle.
To perform a Buffer to Main Memory Page Program with Built-In Erase using the standard DataFlash page size
(528 bytes), an opcode of 83h for Buffer 1 or 86h for Buffer 2 must be clocked into the device followed by three
address bytes comprised of one dummy bit, 13 page address bits (PA12 - PA0) that specify the page in the main
memory to be written, and 10 dummy bits.
To perform a Buffer to Main Memory Page Program with Built-In Erase using the binary page size (512 bytes), an
opcode of 83h for Buffer 1 or 86h for Buffer 2 must be clocked into the device followed by three address bytes
comprised of two dummy bits, 13 page address bits (A21 - A9) that specify the page in the main memory to be
written, and nine dummy bits.
When a low-to-high transition occurs on the CS pin, the device first erases the selected page in main memory (the
erased state is a Logic 1) and then program the data stored in the appropriate buffer into that same page in main
memory. Both the erasing and the programming of the page are internally self-timed and takes place in a
maximum time of tEP. During this time, the RDY/BUSY bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase and program algorithm that can detect when a byte location fails
to erase or program properly. If an erase or programming error arises, it is indicated by the EPE bit in the Status
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com