Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 65Page - Renesas Technology Corp AT45DB321E Datasheet HTML 66Page - Renesas Technology Corp AT45DB321E Datasheet HTML 67Page - Renesas Technology Corp AT45DB321E Datasheet HTML 68Page - Renesas Technology Corp AT45DB321E Datasheet HTML 69Page - Renesas Technology Corp AT45DB321E Datasheet HTML 70Page - Renesas Technology Corp AT45DB321E Datasheet HTML 71Page - Renesas Technology Corp AT45DB321E Datasheet HTML 72Page - Renesas Technology Corp AT45DB321E Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 69
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
25. Detailed Bit-level Read Waveforms: RapidS Mode 0/Mode 3
Figure 38. Continuous Array Read (Legacy Opcode E8h)
Figure 39. Continuous Array Read (Opcode 0Bh)
Figure 40. Continuous Array Read (Opcode 01h or 03h)
SCK
CS
SI
SO
MSB
MSB
23
1
0
11101000
67
5
410 11
9
812
63
66 67
65
64
62
33 34
31 32
29 30
68
71 72
70
69
Opcode
AAAA
AAA
AA
MSB
XXXX
XX
MSB
MSB
DDDDDDDD
D
D
Address Bits
32 Dummy Bits
Data Byte 1
High-impedance
Bit 4095/4223
of Page n
Bit 0 of
Page n+1
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
38
33 34
31 32
29 30
44
47 48
46
45
Opcode
AAAA
AAA
AA
MSB
XXXX
XX
MSB
MSB
DDDDDDDD
D
D
Address Bits A21 - A0
Dummy Bits
Data Byte 1
High-impedance
36 37
35
X
X
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
Address Bits A21-A0
Data Byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com