Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 42Page - Renesas Technology Corp AT45DB321E Datasheet HTML 43Page - Renesas Technology Corp AT45DB321E Datasheet HTML 44Page - Renesas Technology Corp AT45DB321E Datasheet HTML 45Page - Renesas Technology Corp AT45DB321E Datasheet HTML 46Page - Renesas Technology Corp AT45DB321E Datasheet HTML 47Page - Renesas Technology Corp AT45DB321E Datasheet HTML 48Page - Renesas Technology Corp AT45DB321E Datasheet HTML 49Page - Renesas Technology Corp AT45DB321E Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 46
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
11. Buffer and Page Size Configuration
The memory array of DataFlash devices is actually larger than other Serial Flash devices in that extra user-
accessible bytes are provided in each page of the memory array. For the AT45DB321E, there are an extra 16
bytes of memory in each page for a total of an extra 128KB (1-Mbits) of user-accessible memory. Thus, the device
density is actually 33-Mbits instead of 32-Mbits.
Some applications, however, do not want to take advantage of this extra memory and instead architect their
software to operate on a “power of 2” binary, logical addressing scheme. To allow this, the DataFlash can be
configured so that the buffer and page sizes are 512 bytes instead of the standard 528 bytes. Also, the
configuration of the buffer and page sizes is reversible and can be changed from 528 bytes to 512 bytes or from
512 bytes to 528 bytes. The configured setting is stored in an internal nonvolatile register so that the buffer and
page size configuration is not affected by power cycles. The nonvolatile register has a limit of 10,000
erase/program cycles; thus, care must be taken to not switch between the size options more than 10,000 times.
Devices are initially shipped from Renesas Electronics with the buffer and page sizes set to 528 bytes. Devices
can be ordered from Renesas Electronics pre-configured for the “power of 2” binary size of 512 bytes. For details,
see “Ordering Information” on page 75.
To configure the device for “power of 2” binary page size (512 bytes), a four-byte opcode sequence of 3Dh, 2Ah,
80h, and A6h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initiate the internally self-timed configuration process and nonvolatile register
program cycle. The programming of the nonvolatile register takes place in a time of tEP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. The device does not need to be power
cycled after the completion of the configuration process and register program cycle in order for the buffer and
page size to be configured to 512 bytes.
To configure the device for standard DataFlash page size (528 bytes), a four-byte opcode sequence of 3Dh, 2Ah,
80h, and A7h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initial the internally self-timed configuration process and nonvolatile register
program cycle. The programming of the nonvolatile register takes place in a time of tEP, during which time the
RDY/BUSY bit in the Status Register indicates that the device is busy. The device does not need to be power
cycled after the completion of the configuration process and register program cycle in order for the buffer and
page size to be configured to 528 bytes.
Table 22. Buffer and Page Size Configuration Commands
Figure 20. Buffer and Page Size Configuration
Command
Byte 1
Byte 2
Byte 3
Byte 4
“Power of 2” binary page size (512 bytes)
3Dh
2Ah
80h
A6h
DataFlash page size (528 bytes)
3Dh
2Ah
80h
A7h
CS
SI
3Dh
2Ah
80h
Opcode
Byte 4
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com