Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button AT45DB321E Datasheet HTML 72Page - Renesas Technology Corp AT45DB321E Datasheet HTML 73Page - Renesas Technology Corp AT45DB321E Datasheet HTML 74Page - Renesas Technology Corp AT45DB321E Datasheet HTML 75Page - Renesas Technology Corp AT45DB321E Datasheet HTML 76Page - Renesas Technology Corp AT45DB321E Datasheet HTML 77Page - Renesas Technology Corp AT45DB321E Datasheet HTML 78Page - Renesas Technology Corp AT45DB321E Datasheet HTML 79Page - Renesas Technology Corp AT45DB321E Datasheet HTML 80Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 79
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
29. Revision History
Rev.
Date
Comments
8784A
08/2012
Initial document release.
8784B
11/2012
Added Legacy Commands table.
Updated to Adesto template.
8784C
6/2013
Updated electrical and power specifications. “Buffer 1 (or 2) Read” moved from group C to Group A in
Operation Mode Summary. Removed references to 2.5 V minimum power supply.
8784D
7/2013
Updated Auto Page Rewrite cycle to 50,000 cumulative page erase/program operations. Corrected
Page Erase and Programming Time specification to 35 ms maximum. Updated DC conditions for VOL,
ICC3 and ICC4. Added reserved part order codes. Changed datasheet status from preliminary to
complete.
8784E
10/2013
Updated spec in Continuous Array Read (1Bh Opcode) to fCAR4. Corrected Low Power Read Option
(up to 15MHz). Corrected Ultra-Deep Power-Down current (400nA typical). Updated spec for Input
High Voltage (Max) to VCC + 0.6V.
8784F
11/2013
Corrected Product ID Values for Byte 2 in Figure 12.1, Table 12.1 and Table 12.2. Corrected Memory
Architecture Diagram, Figure 3-1.
8784G
7/2015
Added Die in Wafer Form package option. Added explanation of Read-Modify-Write command
(Section 6.6).Updated Table 6-4 (Main Memory to Buffer Compare). Added information on Power Up
(Section 15.1). Added footnotes to Tables 14-6 and 14-7. Updated Tables 11-1 and 11-3. Updated
condition description for IUDPD, IDPD, and ISB.
8784H
1/2017
Added patent information.
8784I
6/2017
Added clarification of Absolute Maximum Ratings.
8784J
8/2017
Updated 6 x 8 VDFN package drawing.
8784K
9/2017
Updated maximum page program time specification.
8784L
3/2019
Removed 9CC, 9-ball UBGA package option.
Updated tVCSL time in Table 15-1 from 85 to 105 µs.
8784M
2/2022
Changed company logo to Renesas.
8784N
9/2023
Applied new corporate template to document.
Consolidated the ordering information in Section 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com