Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 221 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 221 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 217Page - STMicroelectronics ST7FOXF1 Datasheet HTML 218Page - STMicroelectronics ST7FOXF1 Datasheet HTML 219Page - STMicroelectronics ST7FOXF1 Datasheet HTML 220Page - STMicroelectronics ST7FOXF1 Datasheet HTML 221Page - STMicroelectronics ST7FOXF1 Datasheet HTML 222Page - STMicroelectronics ST7FOXF1 Datasheet HTML 223Page - STMicroelectronics ST7FOXF1 Datasheet HTML 224Page - STMicroelectronics ST7FOXF1 Datasheet HTML 225Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Package mechanical data
221/226
Figure 95.
20-pin plastic dual in-line package, 300-mil width, package outline
Table 98.
20-pin plastic dual in-line package, 300-mil width, mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
5.33
0.2098
A1
0.38
0.0150
A2
2.92
3.30
4.95
0.1150
0.1299
0.1949
b
0.36
0.46
0.56
0.0142
0.0181
0.0220
b2
1.14
1.52
1.78
0.0449
0.0598
0.0701
c
0.20
0.25
0.36
0.0079
0.0098
0.0142
D
24.89
26.16
26.92
0.9799
1.0299
1.0598
D1
0.13
0.0051
e
2.54
0.1000
eB
10.92
0.4299
E1
6.10
6.35
7.11
0.2402
0.2500
0.2799
L
2.92
3.30
3.81
0.1150
0.1299
0.1500
Number of Pins
N20
E1
D
D1
b
e
A
A1
L
A2
c
eB
11
10
1
20
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com