Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 222 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 218Page - STMicroelectronics ST7FOXF1 Datasheet HTML 219Page - STMicroelectronics ST7FOXF1 Datasheet HTML 220Page - STMicroelectronics ST7FOXF1 Datasheet HTML 221Page - STMicroelectronics ST7FOXF1 Datasheet HTML 222Page - STMicroelectronics ST7FOXF1 Datasheet HTML 223Page - STMicroelectronics ST7FOXF1 Datasheet HTML 224Page - STMicroelectronics ST7FOXF1 Datasheet HTML 225Page - STMicroelectronics ST7FOXF1 Datasheet HTML 226Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 222 / 226 page
background image
Package mechanical data
ST7FOXF1, ST7FOXK1, ST7FOXK2
222/226
Figure 96.
32-pin plastic dual in-line package, shrink 400-mil width, package outline
Table 99.
32-pin plastic dual in-line package, shrink 400-mil width, mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
3.56
3.76
5.08
0.1402
0.1480
0.2000
A1
0.51
0.0201
A2
3.05
3.56
4.57
0.1201
0.1402
0.1799
b
0.36
0.46
0.58
0.0142
0.0181
0.0228
b1
0.76
1.02
1.40
0.0299
0.0402
0.0551
C
0.20
0.25
0.36
0.0079
0.0098
0.0142
D
27.43
28.45
1.0799
1.1201
E
9.91
10.41
11.05
0.3902
0.4098
0.4350
E1
7.62
8.89
9.40
0.3000
0.3500
0.3701
e
1.78
0.0701
eA
10.16
0.4000
eB
12.70
0.5000
eC
1.40
0.0551
L
2.54
3.05
3.81
0.1000
0.1201
0.1500
Number of pins
N32
D
b2
b
e
A
A1
A2
L
E1
E
eC
C
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com