Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 218Page - STMicroelectronics ST7FOXF1 Datasheet HTML 219Page - STMicroelectronics ST7FOXF1 Datasheet HTML 220Page - STMicroelectronics ST7FOXF1 Datasheet HTML 221Page - STMicroelectronics ST7FOXF1 Datasheet HTML 222Page - STMicroelectronics ST7FOXF1 Datasheet HTML 223Page - STMicroelectronics ST7FOXF1 Datasheet HTML 224Page - STMicroelectronics ST7FOXF1 Datasheet HTML 225Page - STMicroelectronics ST7FOXF1 Datasheet HTML 226Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 225 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Revision history
225/226
15
Revision history
Table 102.
Document revision history
Date
Revision
Changes
15-Oct-2007
1
Initial release
23-Oct-2007
2
Interrupt mapping modified (Table 17 on page 58 and Table 18 on
page 59)
Section 12.8: EMC (electromagnetic compatibility) characteristics on
page 201 modified
23-Nov-2007
3
Added LVD function
Modified Figure 5: ST7FOXF1/ST7FOXK1/ST7FOXK2 memory map
on page 20
Modified reset configuration for ICCCLK pin (Table 2: Device pin
description (32-pin packages) on page 16
Modified Table 3 on page 19 (added AIN5 on pin n°17)
Modified information on eix in Figure 4: 20-pin SO and DIP package
pinout on page 18 and Table 3 on page 19
Added BREAK2 (Table 2: Device pin description (32-pin packages)
on page 16 and Section 10.2: Dual 12-bit autoreload timer on
page 82)
Added PB5 in Table 3 on page 19
Modified note on SPI in Table 4: Hardware register map on page 21
Modified Figure 44.: Block diagram of input capture mode on
page 90
Modified Figure 46.: Long range input capture block diagram on
page 91
Modified note 4 in Section 4.4: ICC interface on page 25
Modified Figure 6: Typical ICC Interface on page 26
Modified Figure 52: Lite timer 2 block diagram on page 111
Removed bits 2:0 in LTCSR1 register in : Lite Timer Control/status
register (LTCSR1) on page 115
Modified Figure 12: Clock management block diagram on page 38
Added RCC_CSR in Table 4: Hardware register map on page 21
Added Customized RC calibration section
Modified Section 10.2.3: Functional description on page 84 (32 MHz
references removed from PWM frequency and one pulse mode
paragraphs)
Modified Table 73: On-chip peripheral characteristics on page 193
Modified Section 10.7.1: Introduction on page 173
Modified Section 13.3: Development tools on page 215
Modified Section 13.2: Device ordering information on page 214
07-Feb-08
4
Added DIP20 package
Added LVD in Figure 1: General block diagram on page 14
Modified Figure 93: ST7FOXF1/ST7FOXK1/ST7FOXK2 ordering
information scheme on page 214
Modified Table 95: Development tool order codes on page 216
Modified Table 101: Thermal characteristics on page 224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com