Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 27Page - ams-OSRAM AG AS7331 Datasheet HTML 28Page - ams-OSRAM AG AS7331 Datasheet HTML 29Page - ams-OSRAM AG AS7331 Datasheet HTML 30Page - ams-OSRAM AG AS7331 Datasheet HTML 31Page - ams-OSRAM AG AS7331 Datasheet HTML 32Page - ams-OSRAM AG AS7331 Datasheet HTML 33Page - ams-OSRAM AG AS7331 Datasheet HTML 34Page - ams-OSRAM AG AS7331 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 30
Figure 26:
Principle Sequence of Measurement in SYND Mode Ready for Wake-Up After Switch Off Power
Down State
7.4
Transfer Function
In general, the implemented A/D converter represents a delta-sigma converter, which performs charge
balancing between the input light at the photodiodes and an internal reference. The input currents of
the photodiodes result in pulse density modulated digital signals, further filtered by counters up to
24- bits. The counters will be set by definition of TINT. A 64 ms conversion time is required as minimum
for a 16-bit I²C output (Figure 27). In
the end, each channel’s counter status represents a digital
equivalent of the average input light irradiance regarding the channel’s sensor area within the
conversion time interval. The input light irradiance can be calculated from the measurement result by:
Equation 2:
MRES
N
FSR
R
MRES
E
CLK
E
e
e
e
Equation 3:
MRES
f
T
FSR
E
CLK
CONV
E
e
e
STANDBY
SB
PAUSE
MEASUREMENT 2
C
STATE
READY
TCONV
MEASUREMENT 1
TSTARTSB
TBREAK
MRES1 …
MRES3
RESULTS 1
I²C activity
data
fetch
RESULT 1
OSR
83h
start
1.
2.
3.
4.
5.
6.
start
2.
3.
SYN
1.
TSTARTSB
CONFIGURATION
STANDBY
OUTCONV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com