Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 45Page - ams-OSRAM AG AS7331 Datasheet HTML 46Page - ams-OSRAM AG AS7331 Datasheet HTML 47Page - ams-OSRAM AG AS7331 Datasheet HTML 48Page - ams-OSRAM AG AS7331 Datasheet HTML 49Page - ams-OSRAM AG AS7331 Datasheet HTML 50Page - ams-OSRAM AG AS7331 Datasheet HTML 51Page - ams-OSRAM AG AS7331 Datasheet HTML 52Page - ams-OSRAM AG AS7331 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 48
8
Register Description
The device is controlled and monitored by registers accessed through the I²C interface. These
registers provide device control functions and can be read to determine the device status and acquire
device data.
The register set is summarized below in Figure 44. The values of all registers and fields that are listed
as reserved, or are not listed, must not be changed. Two-byte fields are always latched with the low
byte, followed by the high byte. The “Name” column illustrates the purpose of each register by
highlighting the function associated with each bit. The bits are shown from MSB (D7) to LSB (D0). The
grey fields are reserved, and their values must not be changed.
8.1
Register Overview
Figure 44:
Register Overview
Addr
[hex]
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0
OSR
SS
PD
SW_RES
DOS
2
AGEN
DEVID
MUT
6
CREG1
GAIN
TIME
7
CREG2
EN_TM
EN_DIV
DIV
8
CREG3
MMODE
SB
RDYOD
CCLK
9
BREAK
BREAK
A
EDGES
EDGES
B
OPTREG
INIT_IDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com