Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 49Page - ams-OSRAM AG AS7331 Datasheet HTML 50Page - ams-OSRAM AG AS7331 Datasheet HTML 51Page - ams-OSRAM AG AS7331 Datasheet HTML 52Page - ams-OSRAM AG AS7331 Datasheet HTML 53Page - ams-OSRAM AG AS7331 Datasheet HTML 54Page - ams-OSRAM AG AS7331 Datasheet HTML 55Page - ams-OSRAM AG AS7331 Datasheet HTML 56Page - ams-OSRAM AG AS7331 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 52
Addr: 6h
CREG1
Bit
Bit Name
Default
Access
Bit Description
0010
GAINA = 512x
42.50
0.65
GAINB = 512x
47.25
0.72
GAINC = 512x
20.75
0.32
0011
GAINA = 256x
85.00
1.30
GAINB = 256x
94.50
1.44
GAINC = 256x
41.50
0.63
0100
GAINA = 128x
170.00
2.59
GAINB = 128x
189.00
2.88
GAINC = 128x
83.00
1.27
0101
GAINA = 64x
340.00
5.19
GAINB = 64x
378.00
5.77
GAINC = 64x
166.00
2.53
0110
GAINA = 32x
680.00
10.38
GAINB = 32x
756.00
11.54
GAINC = 32x
332.00
5.07
0111
GAINA = 16x
1360.00
20.75
GAINB = 16x
1512.00
23.07
GAINC = 16x
664.00
10.13
1000
GAINA = 8x
2720.00
41.50
GAINB = 8x
3024.00
46.14
GAINC = 8x
1328.00
20.26
1001
GAINA = 4x
5440.00
83.01
GAINB = 4x
6048.00
92.29
GAINC = 4x
2656.00
40.53
1010
GAINA = 2x
10880.00
166.02
GAINB = 2x
12096.00
184.57
GAINC = 2x
5312.00
81.05
1011
GAINA = 1x
21760.00
332.03
GAINB = 1x
24192.00
369.14
GAINC = 1x
10624.00
162.11
3:0
TIME
0110
RW
Defines the integration time of the AS7331
measurement.
Conversion time (fCLK = 1024 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com