Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 30Page - ams-OSRAM AG AS7331 Datasheet HTML 31Page - ams-OSRAM AG AS7331 Datasheet HTML 32Page - ams-OSRAM AG AS7331 Datasheet HTML 33Page - ams-OSRAM AG AS7331 Datasheet HTML 34Page - ams-OSRAM AG AS7331 Datasheet HTML 35Page - ams-OSRAM AG AS7331 Datasheet HTML 36Page - ams-OSRAM AG AS7331 Datasheet HTML 37Page - ams-OSRAM AG AS7331 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 33
TIME(1)
0
1
2
3
4
5
6
7
16x
21250.00
10625.00
5312.50
2656.25
1328.13
664.06
332.03
166.02
8x
42500.00
21250.00
10625.00
5312.50
2656.25
1328.13
664.06
332.03
4x
85000.00
42500.00
21250.00
10625.00
5312.50
2656.25
1328.13
664.06
2x
170000.00
85000.00
42500.00
21250.00
10625.00
5312.50
2656.25
1328.13
1x
340000.00
170000.00
85000.00
42500.00
21250.00
10625.00
5312.50
2656.25
(1)
TIME (TCONV) – given by CREG1:TIME = 0 … 7 dec, NCLK – number of clock cycle within conversion time TCONV, RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11 dec up to GAIN = 2048x given by
CREG1:GAIN = 0 dec (see Figure 48).
(2)
Basic sensitivity of the UVA-channel.
Figure 28:
UVA-
Channel (λ = 315 nm – 410 nm) Programmable FSR and LSB of the Detectable Input Light
Irradiance Ee
TIME(1)
8
9
10
11
12
13
14
15
NCLK
(1)
262144
524288
1.05E+06
2.10E+06
4.19E+06
8.39E+06
1.68E+07
1024
TCONV[s]
(1)
0.256
0.512
1.024
2.048
4.096
8.192
16.384
0.001
RESOL[bit](1)
18
19
20
21
22
23
24
10
GAIN(1)
FSR [µW/cm²] of detectable irradiance Ee (channel A)
2048x
42.50
21.25
10.63
5.31
2.66
1.33
0.66
170.00
1024x
85.00
42.50
21.25
10.63
5.31
2.66
1.33
340.00
512x
170.00
85.00
42.50
21.25
10.63
5.31
2.66
680.00
256x
340.00
170.00
85.00
42.50
21.25
10.63
5.31
1360.00
128x
680.00
340.00
170.00
85.00
42.50
21.25
10.63
2720.00
64x
1360.00
680.00
340.00
170.00
85.00
42.50
21.25
5440.00
32x
2720.00
1360.00
680.00
340.00
170.00
85.00
42.50
10880.00
16x
5440.00
2720.00
1360.00
680.00
340.00
170.00
85.00
21760.00
8x
10880.00
5440.00
2720.00
1360.00
680.00
340.00
170.00
43520.00
4x
21760.00
10880.00
5440.00
2720.00
1360.00
680.00
340.00
87040.00
2x
43520.00
21760.00
10880.00
5440.00
2720.00
1360.00
680.00
174080.00
1x
87040.00
43520.00
21760.00
10880.00
5440.00
2720.00
1360.00
348160.00
GAIN(1)
LSB [nW/cm²]
– least significant bit of FSR (channel A)
2048x
0.65
0.32
0.16
0.08
0.04
0.02
0.01
166.02
1024x
1.30
0.65
0.32
0.16
0.08
0.04
0.02
332.03
512x
2.59
1.30
0.65
0.32
0.16
0.08
0.04
664.06
256x
5.19
2.59
1.30
0.65
0.32
0.16
0.08
1328.13
128x
10.38
5.19
2.59
1.30
0.65
0.32
0.16
2656.25
64x
20.75
10.38
5.19
2.59
1.30
0.65
0.32
5312.50
32x
41.50
20.75
10.38
5.19
2.59
1.30
0.65
10625.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com