Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 53Page - ams-OSRAM AG AS7331 Datasheet HTML 54Page - ams-OSRAM AG AS7331 Datasheet HTML 55Page - ams-OSRAM AG AS7331 Datasheet HTML 56Page - ams-OSRAM AG AS7331 Datasheet HTML 57Page - ams-OSRAM AG AS7331 Datasheet HTML 58Page - ams-OSRAM AG AS7331 Datasheet HTML 59Page - ams-OSRAM AG AS7331 Datasheet HTML 60Page - ams-OSRAM AG AS7331 Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 56
to one READY line with a pull-up resistor. As long as one device still measures, the READY line is
active low.
The internal clock frequency fCLK, is controlled by the bits of CREG3:CCLK. Higher clock rates result in
shorter conversion times for the measurement. However take care of CREG1:GAIN
– with higher
frequencies than 1 MHz, in some cases, the irradiance responsivity is reduced (see Figure 33).
8.2.6
BREAK Register (Address 9h)
The register BREAK defines the time between two consecutive measurements of CONT, SYNS, and
SYND modes.
Figure 51:
BREAK Register
Addr: 9h
BREAK
Bit
Bit Name
Default
Access
Bit Description
7:0
BREAK
19h
RW
Value [dec]
Function
0…255
Break time TBREAK
between two
measurements (except
CMD mode): from 0 to
2040
μs, step size
8
μs.
The value 0h results in
a minimum time of 3
clocks of fCLK.
8.2.7
EDGES Register (Address Ah)
The register EDGES becomes operative in SYND mode. After a measurement was started in SYND
mode, it defines the necessary number of additional falling edges at input SYN until the conversion is
termi
nated. The value EDGES = “0” is not allowed and results in the initial value “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com