Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 13Page - ams-OSRAM AG AS7331 Datasheet HTML 14Page - ams-OSRAM AG AS7331 Datasheet HTML 15Page - ams-OSRAM AG AS7331 Datasheet HTML 16Page - ams-OSRAM AG AS7331 Datasheet HTML 17Page - ams-OSRAM AG AS7331 Datasheet HTML 18Page - ams-OSRAM AG AS7331 Datasheet HTML 19Page - ams-OSRAM AG AS7331 Datasheet HTML 20Page - ams-OSRAM AG AS7331 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 16
Figure 11:
Simplified State Diagram
7.1.1
Configuration State
This state enables access to the configuration registers (CREG1, CREG2, and CREG3). Irradiance
responsivity (Re) and conversion time (TCONV) can be determined by the settings of the registers
CREG1:GAIN and CREG1:TIME as well as the kind of measurement mode that can be chosen via the
register CREG3:MMODE. A measurement is not possible in this state. Because of that, any access to
the measurement result registers is disabled.
7.1.2
Measurement State
In this state the signal-to-digital conversion can be performed. Access to the output result registers is
enabled, but at this time, there is no access possible to the configuration registers. Specific settings for
the measurement should be performed by programming the configuration registers before the
measurement is started (see chapter 8.2.6). The change between the Configuration and Measurement
states can be performed by programming the DOS value of the operational state register OSR (see
Figure 45). Afterward, a change from Measurement state to Configuration state will occur immediately.
Power On
OSR
Power Down
Configuration
State
Measurement
State
PD: 0"
DOS: 010
PD: 0
DOS: 011
DOS: 011
End of
conversion
VDD > VDD-POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com