Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 18Page - ams-OSRAM AG AS7331 Datasheet HTML 19Page - ams-OSRAM AG AS7331 Datasheet HTML 20Page - ams-OSRAM AG AS7331 Datasheet HTML 21Page - ams-OSRAM AG AS7331 Datasheet HTML 22Page - ams-OSRAM AG AS7331 Datasheet HTML 23Page - ams-OSRAM AG AS7331 Datasheet HTML 24Page - ams-OSRAM AG AS7331 Datasheet HTML 25Page - ams-OSRAM AG AS7331 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 21
Figure 15:
Principle Sequence for a Measurement Start in CMD Mode Coming From Configuration State
7.2.3
Synchronous Measurement Mode
– SYNS
In this measurement mode, the input pin, SYN, acts as a trigger event for the start of A/D conversion.
The falling edge at the SYN pin starts the measurement. The conversion time (TCONV) is determined by
the content of the register CREG1:TIME (see Figure 48). The READY pin signalizes the progress of
conversion (see Figure 16), its rising edge shows the end of conversion and its available valid results.
The data fetch should be performed between the rising edge of signal READY and the next falling
edge of signal SYN, in order to allow distortion-free measurements. SYN pulses during the
programmed pause time TBREAK are ignored to avoid a start of the measurement during a running data
fetch. The bit OSR:SS also takes effect in the SYNS mode, because the start of the measurement is
only possible with OSR
:SS = “1”.
Figure 16 shows the principle sequence for a measurement to start in SYNS mode, OSR:DOS = 011b
and OS
R:SS = “1” already set and waiting in Measurement state is shown as IDLE.
IDLE
MEASUREMENT 2
RESULTS 1
MEASUREMENT 1
CONFIGURATION
IDLE
TCONV
MRES1
MRES3
READY
STATE
I²C activity
RESULTS 2
TCONV
data
fetch
LDATA = "0"
NDATA = "0"
LDATA = "0"
NDATA = "1"
LDATA = "1"
NDATA = "1"
LDATA = "0"
NDATA = "0"
OSR = 83h
start (OSR:SS
"1")
start (OSR:SS
"1")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com