Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 47Page - ams-OSRAM AG AS7331 Datasheet HTML 48Page - ams-OSRAM AG AS7331 Datasheet HTML 49Page - ams-OSRAM AG AS7331 Datasheet HTML 50Page - ams-OSRAM AG AS7331 Datasheet HTML 51Page - ams-OSRAM AG AS7331 Datasheet HTML 52Page - ams-OSRAM AG AS7331 Datasheet HTML 53Page - ams-OSRAM AG AS7331 Datasheet HTML 54Page - ams-OSRAM AG AS7331 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 50
be stopped immediately. The DOS sequence,
“NOP”, (00Xb or 1XXb) does not change the operational
state, but the values of the other written OSR bits are effective.
Setting SW_RES to
“1” causes a software reset of the AS7331. A running measurement stops
immediately and the AS7331 is set to the configuration state and all registers are reset to their initial
values. The start of measurement is controlled by the value of bit SS. This bit is only interpreted in the
measurement state.
The power down mode is controlled by the value of the PD bit.
The power down takes effect in both operational states: configuration and measurement. If the power
down state is switched on while the device is in measurement state, the power down is only performed
during the breaks between two conversions.
Figure 46:
Examples for Programming the Operational State Registers at Address 0h
Operational State
0
1
-
-
0
0
1
0
Configuration state (Power Down state
switched on)
42h
0
0
-
-
0
0
1
0
Configuration state (Power Down state
switched off)
02h
0
0
-
-
0
0
1
1
Measurement state (Power Down state
switched off)
03h
1
0
-
-
0
0
1
1
Measurement state and Start of
measurement (Power Down state switched
off)
83h
1
0
-
-
0
0
0
0
Provided that Measurement state is active
Start of measurement (Power Down state
switched off)
80h
0
1
-
-
0
0
1
1
Measurement state (Power Down state
switched on)
43h
1
1
-
-
0
0
1
1
Measurement state, Start of measurement
and interna
l startup (“overwrite” of PD = “1”)
C3h
1
1
-
-
0
0
0
0
Provided that Measurement state is active
Start of measurement and internal startup
(“overwrite” of PD = "1“)
C0h
(0)
(1)
-
-
1
(0)
(1)
(0)
Software reset
0Ah
8.2.2
API Generation Register - AGEN (Address 2h)
The value of this read-only register indicates the generation of the Control Register Bank. The
register’s value changes whenever any formal modification is introduced to the Control Register Bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com