Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 9Page - ams-OSRAM AG AS7331 Datasheet HTML 10Page - ams-OSRAM AG AS7331 Datasheet HTML 11Page - ams-OSRAM AG AS7331 Datasheet HTML 12Page - ams-OSRAM AG AS7331 Datasheet HTML 13Page - ams-OSRAM AG AS7331 Datasheet HTML 14Page - ams-OSRAM AG AS7331 Datasheet HTML 15Page - ams-OSRAM AG AS7331 Datasheet HTML 16Page - ams-OSRAM AG AS7331 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Document Feedback
AS7331
Typical Operating Characteristics
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 12
6
Typical Operating Characteristics
6.1
Optical Characteristics
Figure 7:
Optical Characteristics of the AS7331
Symbol
Parameter(1)
Conditions
Min
Typ
Max
Unit
ReGAIN2048
Irradiance Responsivity for
CREG1:GAIN = 2048x
A channel
λ = 360 nm
385
counts/
(µW/cm²)
B channel
λ = 300 nm
347
C channel
λ = 260 nm
794
ReGAIN1
Irradiance Responsivity for
CREG1:GAIN = 1x
A channel
λ = 360 nm
0.188
counts/
(µW/cm²)
B channel
λ = 300 nm
0.170
C channel
λ = 260 nm
0.388
FSRGAIN2048
Full Scale Range of
detectable Irradiance for
CREG1:GAIN = 2048x
A channel
λ = 360 nm
170
µW/cm²
B channel
λ = 300 nm
189
C channel
λ = 260 nm
83
FSRGAIN1
Full Scale Range of
detectable Irradiance for
CREG1:GAIN = 1x
A channel
λ = 360 nm
3.49e5
µW/cm²
B channel
λ = 300 nm
3.86e5
C channel
λ = 260 nm
1.69e5
(1)
The optical characteristics are representative results by lab characterization and not included in the mass production
tests. All values are measured at an integration time of 64 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com