Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 33Page - ams-OSRAM AG AS7331 Datasheet HTML 34Page - ams-OSRAM AG AS7331 Datasheet HTML 35Page - ams-OSRAM AG AS7331 Datasheet HTML 36Page - ams-OSRAM AG AS7331 Datasheet HTML 37Page - ams-OSRAM AG AS7331 Datasheet HTML 38Page - ams-OSRAM AG AS7331 Datasheet HTML 39Page - ams-OSRAM AG AS7331 Datasheet HTML 40Page - ams-OSRAM AG AS7331 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 36
TIME(1)
8
9
10
11
12
13
14
15
32x
46.14
23.07
11.54
5.77
2.88
1.44
0.72
11812.50
16x
92.29
46.14
23.07
11.54
5.77
2.88
1.44
23625.00
8x
184.57
92.29
46.14
23.07
11.54
5.77
2.88
47250.00
4x
369.14
184.57
92.29
46.14
23.07
11.54
5.77
94500.00
2x
738.28
369.14
184.57
92.29
46.14
23.07
11.54
189000.00
1x
1476.56
738.28
369.14
184.57
92.29
46.14
23.07
378000.00
(1)
TIME (TCONV) – given by CREG1:TIME = 8 … 15 dec, NCLK – number of clock cycle within conversion time TCONV,
RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11dec up to GAIN = 2048x given
by CREG1:GAIN = 0 dec (see Figure 48).
Figure 31:
UVC-
Channel (λ = 240 nm – 280 nm) Programmable FSR and LSB of the Detectable Input Light
Irradiance Ee
TIME(1)
0
1
2
3
4
5
6
7
NCLK
(1)
1024
2048
4096
8192
16384
32768
65536
131072
TCONV[ms]
(1)
1
2
4
8
16
32
64
128
RESOL[bit](1)
10
11
12
13
14
15
16
17
GAIN(1)
FSR [µW/cm²] of detectable irradiance Ee (channel C)
2048x
83.00(2)
41.50
1024x
166.00
83.00
512x
332.00
166.00
256x
664.00
332.00
128x
1328.00
664.00
64x
2656.00
1328.00
32x
5312.00
2656.00
16x
10624.00
5312.00
8x
21248.00
10624.00
4x
42496.00
21248.00
2x
84992.00
42496.00
1x
169984.00
84992.00
GAIN(1)
LSB [nW/cm²]
– least significant bit of FSR (channel C)
2048x
81.05
40.53
20.26
10.13
5.07
2.53
1.27
0.63
1024x
162.11
81.05
40.53
20.26
10.13
5.07
2.53
1.27
512x
324.22
162.11
81.05
40.53
20.26
10.13
5.07
2.53
256x
648.44
324.22
162.11
81.05
40.53
20.26
10.13
5.07
128x
1296.88
648.44
324.22
162.11
81.05
40.53
20.26
10.13
64x
2593.75
1296.88
648.44
324.22
162.11
81.05
40.53
20.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com