Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 35Page - ams-OSRAM AG AS7331 Datasheet HTML 36Page - ams-OSRAM AG AS7331 Datasheet HTML 37Page - ams-OSRAM AG AS7331 Datasheet HTML 38Page - ams-OSRAM AG AS7331 Datasheet HTML 39Page - ams-OSRAM AG AS7331 Datasheet HTML 40Page - ams-OSRAM AG AS7331 Datasheet HTML 41Page - ams-OSRAM AG AS7331 Datasheet HTML 42Page - ams-OSRAM AG AS7331 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 38
64x
10.13
5.07
2.53
1.27
0.63
0.32
0.16
2593.75
32x
20.26
10.13
5.07
2.53
1.27
0.63
0.32
5187.50
16x
40.53
20.26
10.13
5.07
2.53
1.27
0.63
10375.00
8x
81.05
40.53
20.26
10.13
5.07
2.53
1.27
20750.00
4x
162.11
81.05
40.53
20.26
10.13
5.07
2.53
41500.00
2x
324.22
162.11
81.05
40.53
20.26
10.13
5.07
83000.00
1x
648.44
324.22
162.11
81.05
40.53
20.26
10.13
166000.00
(1)
TIME (TCONV) – given by CREG1:TIME = 8 … 15 dec, NCLK – number of clock cycle within conversion time TCONV,
RESOL
– Resolution of internal A/D conversion, GAIN = 1x given by CREG1:GAIN = 11 dec up to GAIN = 2048x given
by CREG1:GAIN = 0 dec (see Figure 48).
In the SYND mode, the maximum value of the conversion result depends on the externally controlled
conversion time. This maximum achievable count is equal to OUTCONV and differs from the full-scale
count achievable in CMD, CONT, and SYNS modes.
The value of CREG1:TIME defines the number of clock counts during the conversion time. It defines
the conversion time duration and maximal resolution of the A/D conversion. This is valid for the CONT,
CMD, and SYNS modes.
In the SYND mode, the value of CREG1:TIME does not have any meaning for the conversion time
duration, because this time is externally defined.
For values of CREG1:TIME higher than 6 dec (0110b), TCONV becomes bigger than 216, which results
in A/D conversions with a higher resolution starting from 17-bit up to 24-bit. Only the least 16
significant bits are further processed and stored in the result registers. Using the implemented divider
(see chapter 7.5) helps to access the upper 8-bits, too.
The value of CREG1:GAIN defines the A/D converter’s gain (see Figure 48 and the FSR values in
Figure 27 to Figure 32
), which determines the sensor’s irradiance responsivity Re. The values of
CREG1:GAIN, of the referred tables, are only valid for a clock frequency fCLK, of 1 MHz. For higher
clock frequencies, some gain increments are not accessible. Figure 33 shows the valid gains
dependent on the chosen internal system clock via CREG3:CCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com