Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 39Page - ams-OSRAM AG AS7331 Datasheet HTML 40Page - ams-OSRAM AG AS7331 Datasheet HTML 41Page - ams-OSRAM AG AS7331 Datasheet HTML 42Page - ams-OSRAM AG AS7331 Datasheet HTML 43Page - ams-OSRAM AG AS7331 Datasheet HTML 44Page - ams-OSRAM AG AS7331 Datasheet HTML 45Page - ams-OSRAM AG AS7331 Datasheet HTML 46Page - ams-OSRAM AG AS7331 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 42
Equation 7:
C
C
TEMP
T
CHIP
9
.
66
05
.
0
In other words TEMP = 922h (2338 dec) corresponds to 50 °C as a reference point to start
calculations.
The temperature measurement is available in the measurement modes CONT, CMD, and SYNS. With
the values of CREG1:TIME < 2 dec, the resolution of the temperature measurement is reduced, but in
this case, the output value of TEMP is internally corrected.
In the SYND measurement mode, it is important to enable the conversion time measurement
(CREG2:EN_TM =
“1”) to get any result of the temperature measurement. In addition, the value of
output register, OUTCONV has to be more than 212, given by the external conversion time at the SYN
pin.
7.8
I²C Communication
The two-wired serial interface is compatible with the fast mode I²C protocol, with a bit rate of up to
400 kbit/s. The AS7331 exclusively operates as a slave with its slave address [6:0] = (1, 1, 1, 0, 1, A1,
A0). The input pins A1 and A0, which allows running four AS7331 on the same I²C bus concurrently,
define the two lowest-order bits. Within the AS7331, the SCL pin of the I²C interface is realized as an
input pin, where in single master applications, the I²C master could drive the SCL line with a push-pull
stage. In all other cases, the requirements for bus termination using standard pull-up according to the
I²C (pins SCL and SDA) should be considered - especially regarding noise environments and EMC in
PCB design. For the I²C interface, the timing diagram and its timing specification, please see
Figure 39. Clock stretching is not supported by the AS7331. I²C commands towards the AS7331 take
effect after the end of the I²C write cycle (I²C Stop condition).
Each data transfer begins with a start (S) condition, defined by a high to low transition of SDA while
SCL is high. The transfer is terminated by a stop (P) condition, which is defined by a low to high
transition of SDA while SCL is high. A repeated start condition (Sr) can be generated instead of a stop
condition if the transfer should be continued with a new data block. The start and repeated start
conditions are functionally equivalent.
Figure 36:
Start and Stop Conditions of the I²C Bus
Sr
P
S
SDA
SCL
S = START
condition
Sr = repeated START
condition
P = STOP
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com