Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 43Page - ams-OSRAM AG AS7331 Datasheet HTML 44Page - ams-OSRAM AG AS7331 Datasheet HTML 45Page - ams-OSRAM AG AS7331 Datasheet HTML 46Page - ams-OSRAM AG AS7331 Datasheet HTML 47Page - ams-OSRAM AG AS7331 Datasheet HTML 48Page - ams-OSRAM AG AS7331 Datasheet HTML 49Page - ams-OSRAM AG AS7331 Datasheet HTML 50Page - ams-OSRAM AG AS7331 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 46
Figure 41:
Register Access Overview
Address(1)
[hex]
Access in Configuration State
Access in Measurement State
Write
Read
Write (1 Byte)
Read (2 Bytes)
0
OSR
OSR
OSR + STATUS
1
–
–
TEMP
2
–
AGEN
–
MRES1 (A)
3
–
–
MRES2 (B)
4
–
–
MRES3 (C)
5
–
–
OUTCONV_L(2)
6
CREG1
–
OUTCONV_H(2)
7
CREG2
–
–
8
CREG3
–
–
9
BREAK
–
–
A
EDGES
–
–
B
OPTREG
–
–
(1)
The 4 MSB bits of the register address are ignored.
(2)
OUTCONV is only available in SYND measurement mode with bit
CREG2:EN_TM = “1”. The least significant byte
comes first.
7.8.6
I²C General Procedure to Start with the AS7331
After applying the power supply voltage, the AS7331 is in the configuration state, but in the power
down mode. The user can now set up the device for the application by writing the control registers.
The success of the configuration can be proven by reading the control registers.
Before starting a measurement, the state must be changed to the Measurement state. The last three
bits (DOS) of the register OSR should be loaded with 011b. Now a conversion can be started with the
measurement mode, which is selected by CREG3:MMODE. A falling slope of the output pin READY
indicates the start. The rising edge at pin READY signals the end of conversion, and the measurement
results can be read via I²C communication.
If a new configuration should be implemented, the device’s state needs to be changed to the
configuration state. Therefore the value 010b should be written into the bits OSR:DOS. This operation
resets all measurement result registers to 00h, while the configuration registers keep their actual
values. Afterward, the new configuration can be done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com