Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 58Page - ams-OSRAM AG AS7331 Datasheet HTML 59Page - ams-OSRAM AG AS7331 Datasheet HTML 60Page - ams-OSRAM AG AS7331 Datasheet HTML 61Page - ams-OSRAM AG AS7331 Datasheet HTML 62Page - ams-OSRAM AG AS7331 Datasheet HTML 63Page - ams-OSRAM AG AS7331 Datasheet HTML 64Page - ams-OSRAM AG AS7331 Datasheet HTML 65Page - ams-OSRAM AG AS7331 Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 61
The status bit NDATA, is re
set to “0” after reading the status register or at least one measurement
result register.
Figure 56:
Update Time of the Status Register Bits for an Accurate Measurement and Read Behavior
If the buffer registers contain new value
s (NDATA = “1”) and new measurement finishes before an I²C
reading process occurs, the new measurement results are stored in the buffer registers. The older
measurement results are overwritten. The status bit LDATA, shown in Figure 57 indicates this. The
LDATA bit is only reset to “0” by reading the status register, as it allows checking for the loss of
information after multiple measurement cycles.
IDLE
MEASUREMENT 2
RESULTS 1
MEASUREMENT 1
CONFIGURATION
IDLE
TCONV
data
fetch
OSR = 83h
start (OSR:SS ← ‚1')
MRES1 …
MRES3
READY
STATE
I²C activity
RESULTS 2
TCONV
start (OSR:SS ← ‚1')
LDATA = ‚0'
NDATA = ‚0'
data
fetch
LDATA = ‚0'
NDATA = ‚1'
LDATA = ‚0'
NDATA = ‚0'
LDATA = ‚0'
NDATA = ‚1'
LDATA = ‚0'
NDATA = ‚0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com