Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 7Page - ams-OSRAM AG AS7331 Datasheet HTML 8Page - ams-OSRAM AG AS7331 Datasheet HTML 9Page - ams-OSRAM AG AS7331 Datasheet HTML 10Page - ams-OSRAM AG AS7331 Datasheet HTML 11Page - ams-OSRAM AG AS7331 Datasheet HTML 12Page - ams-OSRAM AG AS7331 Datasheet HTML 13Page - ams-OSRAM AG AS7331 Datasheet HTML 14Page - ams-OSRAM AG AS7331 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Document Feedback
AS7331
Electrical Characteristics
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 10
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods. All voltages are with respect to ground (GND).
Device parameters are guaranteed at VDD = 3.3 V and TA = 25 °C unless otherwise noted.
Figure 6:
Electrical Characteristics of the AS7331
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Power
Supply Voltage
VDDA and
VDDD
2.7
3.3
3.6
V
REXT
External Resistor at
Pin REXT
REXT
(TCREXT ≤
50ppm/K)
3.267
3.3
3.333
MΩ
IVDD
Current Consumption
Active mode
during
measurement.
1.42
2
mA
IVDDSB
Standby Current
Consumption
Standby state
970
µA
IVDDPD
Power Down Current
Consumption
Power down
state.
1
µA
VIH
Input High Level
A0, A1, SCL,
SYN
0.7
VDDD
VIL
Input Low Level
A0, A1, SCL,
SYN
0.3
VDDD
VOH
Output High Level
READY
IOHL
≤ 3 mA
0.8
VDDD
VOL
Output Low Level
SDA, READY
IOHL
≤ 3 mA
0.4
V
IOHL
Output Drive Strength
Concerning to
VOH and VOL
3
6
mA
IILEAK
Input Leakage
Current
VSSD ≤ VIN ≤
VDDD
-5
5
µA
fCLKMIN
Min. Internal Clock
Frequency(1)
CREG3:CCLK
= 00b
0.975
MHz
fCLKMAX
Max. Internal Clock
Frequency(1)
CREG3:CCLK
= 11b
7.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com