Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 59Page - ams-OSRAM AG AS7331 Datasheet HTML 60Page - ams-OSRAM AG AS7331 Datasheet HTML 61Page - ams-OSRAM AG AS7331 Datasheet HTML 62Page - ams-OSRAM AG AS7331 Datasheet HTML 63Page - ams-OSRAM AG AS7331 Datasheet HTML 64Page - ams-OSRAM AG AS7331 Datasheet HTML 65Page - ams-OSRAM AG AS7331 Datasheet HTML 66Page - ams-OSRAM AG AS7331 Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 62
Figure 57:
Update Time of the Status Register Bits, if Some Measurement Results Were not Picked up
The status bits STATUS:STANDBYSTATE and STATUS:POWERSTATE, always show the actual
status of the internal control signals for Standby and power down. In both cases, it can differ from the
actual set bits CREG3:SB and OSR:PD, due to the behavior of the control signals while a
measurement is in process. The reading of the 16-bit values of the output result registers always starts
with the least significant byte.
The measurement value TEMP at address 1h is a 12-bit value, but its higher 4 bits until 16 are filled
with 0h. For Measurement modes programmed with CREG1:TIME < 212, there is a TEMP result with a
lower resolution. If the SYND mode is used and the OUTCONV register is set inactive by
CR
EG2:EN_TM = “0”, any temperature measurement is not possible. In case CREG2:EN_TM is
enabled (
“1”), the TEMP value is only valid for conversion times with ≥ 212 internal system clocks, fCLK,
represented by the OUTCONV register.
Power-on reset, software-reset or return to the Configuration state resets the complete output register
bank.
IDLE
MEASUREMENT 2
RESULTS 1
MEASUREMENT 1
CONFIGURATION
IDLE
TCONV
MRES1 …
MRES3
READY
STATE
I²C activity
RESULTS 2
TCONV
data
fetch
LDATA = ‚0'
NDATA = ‚0'
LDATA = ‚0'
NDATA = ‚1'
LDATA = ‚1'
NDATA = ‚1'
LDATA = ‚0'
NDATA = ‚0'
OSR = 83h
start (OSR:SS ← ‚1')
start (OSR:SS ← ‚1')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com