Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 6Page - ams-OSRAM AG AS7331 Datasheet HTML 7Page - ams-OSRAM AG AS7331 Datasheet HTML 8Page - ams-OSRAM AG AS7331 Datasheet HTML 9Page - ams-OSRAM AG AS7331 Datasheet HTML 10Page - ams-OSRAM AG AS7331 Datasheet HTML 11Page - ams-OSRAM AG AS7331 Datasheet HTML 12Page - ams-OSRAM AG AS7331 Datasheet HTML 13Page - ams-OSRAM AG AS7331 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Document Feedback
AS7331
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 9
4
Absolute Maximum Ratings
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 5:
Absolute Maximum Ratings of the AS7331
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
Maximum power supply voltage
range
-0.5
5
V
VDDA and VDDD
DIFFVDD
Supply voltage difference
-0.3
0.3
V
VDDA - VDDD
Input and output voltages
-0.5
VDD+0.5
V
A0, A1, SCL, SDA, SYN,
READY
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
±750
V
JS-001-2017
ESDCDM
Electrostatic discharge CDM
±500
V
JS-002-2018
Optical Parameters
α
I
Angle of incidence
-10
10
°
Temperature Ranges and Storage Conditions
TA
Operating ambient temperature
-40
85
°C
TSTRG
Storage temperature range
-40
85
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
3
Maximum floor life time of 168h
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for
Pb-
free leaded packages is “Matte Tin” (100 % Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com