Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7331 Datasheet(PDF) 61 Page - ams-OSRAM AG

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7331 Datasheet(HTML) 61 Page - ams-OSRAM AG

Back Button AS7331 Datasheet HTML 57Page - ams-OSRAM AG AS7331 Datasheet HTML 58Page - ams-OSRAM AG AS7331 Datasheet HTML 59Page - ams-OSRAM AG AS7331 Datasheet HTML 60Page - ams-OSRAM AG AS7331 Datasheet HTML 61Page - ams-OSRAM AG AS7331 Datasheet HTML 62Page - ams-OSRAM AG AS7331 Datasheet HTML 63Page - ams-OSRAM AG AS7331 Datasheet HTML 64Page - ams-OSRAM AG AS7331 Datasheet HTML 65Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
Document Feedback
AS7331
Register Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 60
Addr: 0h
STATUS
Bit
Bit Name
Default
Access
Bit Description
1
Measurement is in
progress.
1
STANDBYSTATE
-
RO
Value
Standby
0
OFF
1
ON
0
POWERSTATE
-
RO
Value
Power Down state
0
OFF
1
ON
(1)
Overflow of the internal 24-bit conversion time counter
– only possible in SYND mode with externally synchronized start
and stop of conversion.
(2)
The status flag is generated while a measurement is in progress. It always matches to the actual results of the output
register bank.
(3)
A reading process of the register STATUS always resets this status flag.
(4)
A reading process of the register STATUS and/or at least one result register always resets this status flag.
The bit STATUS:OUTCONVOF, shows an overflow of the 24-bit counter of the internal reference for
the conversion time. This can only occur i
n SYND mode with CREG2:EN_TM = “1” and in case of
accordingly long externally given conversion times. After a counter overflow, the counter starts again
from zero.
The bit STATUS:MRESOF,
shows an overflow in one or more result registers of MRES1 … MRES3.
This can only happen if the conversion time is longer than 216
(CREG1:TIME = 7…15 dec), in
accordance with a higher input signal. The overflowed register stops at its maximum value, FFFFh.
With the bit STATUS:ADCOF, an input signal overdrive is signalized, which could occur during the
measurement cycle limited in time so that no overflow of the result registers (MRESOF) is necessarily
produced. However, the measurement results are not correct in this case. To eliminate this issue, the
irradiance responsivity (Re) of the sensor has to be decreased via CREG1:GAIN.
The status bits OUTCONVOF, MRESOF, and ADCOF, always correspond to the actual content of the
measurement result registers MRES1…3.
The bits STATUS:LDATA and STATUS:NDATA, show the status of the measurement results. At the
end of each measurement cycle, the results of the counters are stored in buffer registers. The flag
NDATA is set to “1” to show the update (see Figure 56). With the start of each I²C read operation, the
content of all buffer registers is transferred to the result registers. This ensures that during the I²C
readout operation, the values of the result registers do not change.
As long as an I²C-reading of the measurement result registers is in the process (no I²C stop condition
has been sent), no further update of the measurement result registers concerning newer data of the
buffer registers will happen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com