Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 26Page - ams-OSRAM AG CMV300 Datasheet HTML 27Page - ams-OSRAM AG CMV300 Datasheet HTML 28Page - ams-OSRAM AG CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 28 of 54
© 2016 CMOSIS bvba
Color/mono
Register name
Register address
Default value
Description of the value
Color
39[0]
1
0: color sensor is used
1: monochrome sensor is used
5.2.2 PIECEWISE LINEAR RESPONSE
The CMV300 has the possibility to achieve a high optical dynamic range by using a piecewise linear response. This
feature will clip illuminated pixels which reach a programmable voltage, while leaving the darker pixels untouched. The
clipping level can be adjusted 2 times within one exposure time to achieve a maximum of 3 slopes in the response curve.
More details can be found in the figure below.
Vhigh
Vtfl2
Vtfl3
Vlow
Total exposure time
Exp_kp1
Exp_kp2
Pixel reset
Pixel sample
FIGURE 32: PIECEWISE LINEAR RESPONSE DETAILS
In the figure above, the red lines represent a pixel on which a large amount of light is falling. The blue line represents a
pixel on which less light is falling. As shown in the figure, the bright pixel is held to a programmable voltage for a
programmable time during the exposure time. This happens two times to make sure that at the end of the exposure
time the pixel is not saturated. The darker pixel is not influenced and will have a normal response. The Vtfl voltages and
different exposure times are programmable using the sequencer registers. Using this feature, a response as detailed in
the figure below can be achieved. The placement of the kneepoints in X is controlled by the Vtfl programming, while
the slope of the segments is controlled by the programmed exposure times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com