Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG CMV300 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 35 of 54
© 2016 CMOSIS bvba
5.9 8-BIT, 10-BIT OR 12-BIT MODE
The CMV300 has the possibility to send 8 bits, 10 bits or 12 bits per pixel. The end user can select the desired resolution
by programming the corresponding sequencer register.
8-bit, 10-bit or 12-bit mode
Register name
Register address
Default value
Description of the value
Bit_mode
68[1:0]
0
0: 12 bits per pixel
1: 10 bits per pixel
2: 8 bits per pixel
The sensor will always output words of 12 bit length. So when changing to 10 or 8 bit, the LSB’s will be filled with 0’s.
This means that changing bit mode doesn’t affect the frame rate.
Bit mode
Decimal value
Output word
8b
170
1010 1010 0000
10b
682
1010 1010 1000
12b
2730
1010 1010 1010
5.10 DATA RATE
During start-up or after a sequencer reset, the data rate can be changed if a lower speed than 480Mbps is desired. This
can be done by applying a lower master input clock (CLK_IN) to the sensor and uploading a new value in the PLL_range
register. See section 3.5 for more details on the input clock. See section 3.7 and 3.8 for details on how and when the
data rate can be changed.
PLL range
Register name
Register address
Default value
Description of the value
PLL_range
83
155
155: CLK_IN is between 32MHz and 50MHz
187: CLK_IN is between 20MHz and 50MHz
251: CLK_IN is between 10 and 32MHz
The internal PLL has some temperature instabilities (full details are in errata sheet CMV300-ES2). The PLL cannot lock
after startup or reset at higher temperatures (resulting in an unstable output clock)(= instability 1) and the PLL can get
out of lock for a brief moment (~40µs) when the temperature increases/decreases during operation (=instability 2).
If you want to use the internal PLL without this issues occurring, you will be confined to some settings:
-
Keep the sensor temperature lower than 55°C (instability 1 will not occur)
-
Keep the temperature stable during operation (instability 2 will not occur)
-
You can set the input clock frequency above 32MHz (PLL range 187 or 155 see below) or 24MHz (PLL range
251) for instability 1 not to occur.
-
Only use PLL range of 155. Both instabilities should not occur with this setting. This will increase the minimum
frequency that can be used to 32MHz.
To decrease the output frame rate (caused by increasing the clock), you can increase the number of lines being read out
(reg1-2). This will increase the number of DVAL/LVAL blocks. The data of these rows outside the sensor pixel array will
not contain useable data. In the system these extra rows can just be discarded.
Also the PLL generates a higher jitter on the outputs (5-10%) then when using the LVDS input clock.
5.11 DISABLING THE INTERNAL PLL
When you do not want to use the internal PLL of the sensor, you can disable it and input an LVDS clock yourself. The
output data speed will then be equal to this clock speed, while the output LVDS clock will be half of the LVDS input clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com