Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG CMV300 Datasheet HTML 20Page - ams-OSRAM AG CMV300 Datasheet HTML 21Page - ams-OSRAM AG CMV300 Datasheet HTML 22Page - ams-OSRAM AG CMV300 Datasheet HTML 23Page - ams-OSRAM AG CMV300 Datasheet HTML 24Page - ams-OSRAM AG CMV300 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 19 of 54
© 2016 CMOSIS bvba
FRAME_REQ
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
Exposure time
FIGURE 11: REQUEST FOR 2 FRAMES IN INTERNAL-EXPOSURE-TIME MODE WITH EXPOSURE TIME < READ-OUT TIME
3.10.2 EXTERNAL EXPOSURE CONTROL
The exposure time can also be programmed externally by using the T_EXP1 input pin. This mode needs to be enabled
by setting the appropriate register (address 41). In this case, the exposure starts when a high state is detected on the
T_EXP1 pin. When a high state is detected on the FRAME_REQ input, the exposure time stops and the read-out will start
automatically. A new exposure can start by sending a pulse to the T_EXP1 pin during or after the read-out of the previous
frame.
FRAME_REQ
Exposure time
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
T_EXP1
FIGURE 12: REQUEST FOR 2 FRAMES USING EXTERNAL-EXPOSURE-TIME MODE
3.10.3 EXPOSURE DELAY
In internal exposure mode, when reading out an image with an exposure time smaller than the number of lines read
out divided by the number outputs used, there will be increase in delay between the frame_req pulse and the actual
start of exposure. This delay is equal to:
exposure start delay = (196 * clk_per) + (
# lines
# sides
− inte_time)
With a minimum of 196 clk_in periods.
For example, when a complete image (488 lines) is read out with 2 sided outputs, and the integration time is 1 line time,
the delay will be 244.66 lines. When the integration time is 100 lines, the delay will be 145.66 lines.
Frame_req
INTE
INTE
INTE
READ OUT
READ OUT
READ OUT
INTE = < 244
INTE = 244
INTE = >244
FIGURE 13: EXPOSURE DELAY
If the integration time is longer than the readout time, the delay will always be the minimum. The 1st frame after a reset
will always have the minimum delay only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com