Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 27Page - ams-OSRAM AG CMV300 Datasheet HTML 28Page - ams-OSRAM AG CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 29 of 54
© 2016 CMOSIS bvba
Saturation
level
Kneepoint 1
Kneepoint 2
# of electrons
FIGURE 33: PIECEWISE LINEAR RESPONSE
When using the PLR mode, the CDS for the second and third slope is not available anymore, increasing the FPN for
these slopes. Also the noise will become higher in this mode.
5.2.2.1 PIECEWISE LINEAR RESPONSE WITH INTERNAL EXPOSURE MODE
The following registers need to be programmed when a piecewise linear response in internal exposure mode is desired.
HDR settings – PLR
Register name
Register address
Default value
Description of the value
Exp_time
42-44
488
The value in this register defines the total exposure time
according following formula: Exp_time x 325 x clk_per,
where clk_per is the period of the master input clock.
Nr_slopes
54[1:0]
1
The value in this register defines the number of slopes
(min=1, max=3).
Exp_kp1
48-50
1
The value in this register defines the exposure time from
kneepoint 1 to the end of the total exposure time.
Formula: Exp_kp1 x 325 x clk_per, where clk_per is the
period of the master input clock.
Exp_kp2
51-53
1
The value in this register defines the exposure time from
kneepoint 2 to the end of the total exposure time.
Formula: Exp_kp2 x 325 x clk_per, where clk_per is the
period of the master input clock.
Vtfl2
113[6:0]
64
The value in this register defines the Vtfl2 voltage (DAC
setting) of kneepoint 1.
Bit[6] = enable (=1)
Bit[5:0] = value (0-63)
Vtfl3
114[6:0]
64
The value in this register defines the Vtfl3 voltage (DAC
setting) of kneepoint 2.
Bit[6] = enable (=1)
Bit[5:0] = value (0-63)
5.2.2.2 PIECEWISE LINEAR RESPONSE WITH EXTERNAL EXPOSURE MODE
When external exposure time is used and a piecewise linear response is desired, the following registers should be
programmed.
HDR settings – PLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com