Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG CMV300 Datasheet HTML 20Page - ams-OSRAM AG CMV300 Datasheet HTML 21Page - ams-OSRAM AG CMV300 Datasheet HTML 22Page - ams-OSRAM AG CMV300 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 17 of 54
© 2016 CMOSIS bvba
1.
Bit mode settings (address 68) : set to 8 or 10 bit mode
2.
PLL settings (address 83): set to correct PLL range
3.8 RESET SEQUENCE
If a sensor reset is necessary while the sensor is running the following sequence should be followed.
1μs
CLK_IN
SYS_RES_N
FRAME_REQ
FIGURE 6: RESET SEQUENCE
The on-board sequencer will be reset and all programming registers will return to their default start-up values when a
falling edge is detected on the SYS_RES_N pin. After the reset there is a minimum time of 1μs needed before a
FRAME_REQ pulse can be sent. When a lower clock speed is desired while the sensor is running the reset sequence
should be executed. In this case it must be followed by a SPI upload to program the sensor for this lower clock speed.
3.9 SPI PROGRAMMING
Programming the sensor is done by writing the appropriate values to the on-board registers. These registers can be
written over a simple serial interface (SPI). The details of the timing and data format are described below. The data
written to the programming registers can also be read out over this same SPI interface.
SPI I/O’s are pulled low when not used/enabled.
3.9.1 SPI WRITE
The timing to write data over the SPI interface can be found below.
SPI_EN
SPI_IN
SPI_CLK
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
½ CLK
1 CLK
FIGURE 7: SPI WRITE TIMING
The data is sampled by the CMV300 on the rising edge of the SPI_CLK. The SPI_CLK has a maximum frequency of 40MHz.
The SPI_EN signal has to be high for half a clock period before the first databit is sampled. SPI_EN has to remain high for
1 clock period after the last databit is sampled. The sampled data will be written in the sequencer on the last falling
clock edge, so SPI_CLK has to go low again at the end for the write operation to be successful.
One write action contains 16 databits:
One control bit: First bit to be sent, indicates whether a read (‘0’) or write (‘1’) will occur on the SPI interface.
7 address bits: These bits form the address of the programming register that needs to be written. The address
is sent MSB first.
8 data bits: These bits form the actual data that will be written in the register selected with the address bits.
The data is written MSB first.
When several sensor registers need to be written, the timing above can be repeated with SPI_EN remaining high all the
time. See the figure below for an example of 2 registers being written in burst.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com