Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 41Page - ams-OSRAM AG CMV300 Datasheet HTML 42Page - ams-OSRAM AG CMV300 Datasheet HTML 43Page - ams-OSRAM AG CMV300 Datasheet HTML 44Page - ams-OSRAM AG CMV300 Datasheet HTML 45Page - ams-OSRAM AG CMV300 Datasheet HTML 46Page - ams-OSRAM AG CMV300 Datasheet HTML 47Page - ams-OSRAM AG CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 43 of 54
© 2016 CMOSIS bvba
7 MECHANICAL SPECIFICATIONS
7.1 PACKAGE DRAWING
6870um ± 10um
A1
H8
Top View
Optical center
2800um ± 50um
A1
A2
A3
A4
A5
A6
A7
A8
B8
D8
E8
F8
G8
H8
B7
D7
E7
F7
G7
H7
B6
D3
E3
F6
G6
H6
B5
F5
G5
H5
B4
F4
G4
H4
B3
F3
G3
H3
B2
D2
E2
F2
G2
H2
B1
D1
E1
F1
G1
H1
Bottom View
C8
C7
C6
C5
C4
C3
C2
C1
350um
800um
Active Area: 4795 x 3611um
402um ± 50um
994um ± 50um
800um
635um ± 15um
895um ± 15um
FIGURE 43: PACKAGE DRAWING OF THE CMV300. ALL DISTANCES IN µM
Pixel(0,0) sits in the left bottom corner of the array (top view), close to pin G8.
7.2 ASSEMBLY DRAWING
Glass lid
Image Sensor Die
Spacer
Spacer
Material: SAC305
400µm
+/- 10µm
445µm
+/- 20µm
180µm
+36µm/-30µm
540µm
+/- 45µm
720µm
+/- 60µm
FIGURE 44: ASSEMBLY DRAWING OF CMV300
7.3 COVER GLASS
The cover glass of the CMV300 is plain D263 glass with a transmittance as shown in figure 37. Refraction index of the
glass is 1.52. Scratch, bubbles and digs shall be less than or equal to 0.02 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com