Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 44Page - ams-OSRAM AG CMV300 Datasheet HTML 45Page - ams-OSRAM AG CMV300 Datasheet HTML 46Page - ams-OSRAM AG CMV300 Datasheet HTML 47Page - ams-OSRAM AG CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG CMV300 Datasheet HTML 50Page - ams-OSRAM AG CMV300 Datasheet HTML 51Page - ams-OSRAM AG CMV300 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 46 of 54
© 2016 CMOSIS bvba
9 PIN LIST
A distinction is made when the sensor is used in LVDS output mode or in parallel CMOS output mode.
9.1 LVDS OUTPUT MODE PIN LIST
The pin list of the CMV300 in LVDS output mode can be found below.
Pin number
Pin name
Description
Block
Type
A1
Test1
No need to connect
Sequencer
Test pin
A2
GND
Connect to GND
GND
A3
GND
Connect to GND
GND
A4
VDDpix
Connect to 3.0V supply
Pixel array
Supply
A5
GND
Connect to GND
GND
A6
Output3_P
Image data output
LVDS
Output
A7
Output4_P
Image data output
LVDS
Output
A8
SPI_OUT
SPI output, 3.3V signaling
SPI
IO
B1
Test2
No need to connect
Sequencer
Test pin
B2
Enable_LVDS
Connect to VDD33
Sequencer
VDD33
B3
VDD20
Connect to 2.2V supply
LVDS, ADC
Supply
B4
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
B5
Output3_N
Image data output
LVDS
output
B6
Output4_N
Image data output
LVDS
Output
B7
Output_clk_P
LVDS clock output
LVDS
output
B8
SPI_IN
SPI input, 3.3V signaling
SPI
IO
C1
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
C2
VDDpix
Connect to 3.0V supply
Pixel array
Supply
C3
R_adc2
Optional, no need to connect
ADC
Bias
C4
R_adc1
Optional, no need to connect
ADC
Bias
C5
Output_clk_N
LVDS clock output
LVDS
output
C6
Test3
No need to connect
Sequencer
Test
C7
SPI_EN
SPI input, 3.3V signaling
SPI
IO
C8
GND
Connect to GND
GND
D1
Vref
Decouple with 100nF to GND
ADC
Bias
D2
Vramp1
Decouple with 100nF to GND
ADC
Bias
D3
Vramp2
Decouple with 100nF to GND
ADC
Bias
D4
NC
Not connected
NA
D5
NC
Not connected
NA
D6
NC
Not connected
NA
D7
LVDS_CLK_N
LVDS input clock (N), optional
LVDS
Input
D8
LVDS_CLK_P
LVDS input clock (P), optional
LVDS
Input
E1
CMD_ramp
Decouple with with 100nF to VDD33
ADC
Bias
E2
Vpch_L
Decouple with with 100nF to GND
Pixel array
Bias
E3
Vbgap
Decouple with with 100nF to GND
Pixel array
Bias
E4
NC
Not connected
NA
E5
NC
Not connected
NA
E6
NC
Not connected
NA
E7
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
E8
GND
Connect to GND
GND
F1
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
F2
VDDpix
Connect to 3.0V supply
Pixel array
Supply
F3
VDD33
Connect to 3.3V supply
I/O, SPI, ADC
Supply
F4
FRAME_REQ
Digital input, 3.3V signaling
Sequencer
IO
F5
Output_ctrl_N
LVDS control output
LVDS
Output
F6
T_EXP2
Digital input, 3.3V signaling
Sequencer
IO
F7
CLK_IN
Master clock input (max 25MHz), 3.3V signaling
Sequencer
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com