Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG CMV300 Datasheet HTML 37Page - ams-OSRAM AG CMV300 Datasheet HTML 38Page - ams-OSRAM AG CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG CMV300 Datasheet HTML 41Page - ams-OSRAM AG CMV300 Datasheet HTML 42Page - ams-OSRAM AG CMV300 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 37 of 54
© 2016 CMOSIS bvba
Offset
Register name
Register address
Default value
Description of the value
Offset_bot
Offset_top
59-60[3:0]
97-98[3:0]
0
0
The value in this register defines the dark level offset
applied to the output signal (min = 0, max = 4095)
The value must be seen as a two’s complement where
values higher than 2047 are used to give a negative offset.
Example:
- 000000000101 = 5 will add 5DN to the signal
- 111111111011 = -5 will subtract 5DN from the signal
Both offsets don’t have to be the same value.
5.13.2 GAIN
An analog gain and ADC gain can be applied to the output signal. The analog gain is applied by a PGA in every column.
The digital gain is applied by the ADC.
Gain
Register name
Register address
Default value
Description of the value
PGA_gain
80[2:0]
0
0: x1 gain
1: x1.25 gain
2: x1.5 gain
3: x1.75 gain
4: x2 gain
5: x2.5 gain
6: x3 gain
7: x3.5 gain
ADC_gain
100[6:0]
96
Bit[6] = 1 (enable)
Bit[5:0] = ADC gain value (range 0 to 63)
The ADC value should be adjusted per clock speed to get the same response. The ADC unity gain value for 40MHz is 48,
for 25MHz it is 54. Small differences between devices can occur, so ADC_gain matching can be needed to match
responses. In the plot below you can see the actual gain per ADC gain value.
In the plot below you can also see the relative gain versus the ADC_gain setting. It is recommended for the ADC_gain
value to stay within the limits of the plots or otherwise setting the ADC_gain too high or low will result in non-linear
behavior or image artifacts to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com