Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 28Page - ams-OSRAM AG CMV300 Datasheet HTML 29Page - ams-OSRAM AG CMV300 Datasheet HTML 30Page - ams-OSRAM AG CMV300 Datasheet HTML 31Page - ams-OSRAM AG CMV300 Datasheet HTML 32Page - ams-OSRAM AG CMV300 Datasheet HTML 33Page - ams-OSRAM AG CMV300 Datasheet HTML 34Page - ams-OSRAM AG CMV300 Datasheet HTML 35Page - ams-OSRAM AG CMV300 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 30 of 54
© 2016 CMOSIS bvba
Register name
Register address
Default value
Description of the value
Nr_slopes
54
1
The value in this register defines the number of slopes
(min=1, max=3).
Vtfl2
113[6:0]
64
The value in this register defines the Vtfl2 voltage (DAC
setting) of kneepoint 1.
Bit[6] = enable (=1)
Bit[5:0] = value (0-64)
Vtfl3
114[6:0]
64
The value in this register defines the Vtfl3 voltage (DAC
setting) of kneepoint 2.
Bit[6] = enable (=1)
Bit[5:0] = value (0-64)
The timing that needs to be applied in this external exposure mode looks like the one below.
Frame_REQ
T_EXP1
Total exposure time
Exposure kp2
Exposure kp1
FIGURE 34: PIECEWISE LINEAR RESPONSE WITH EXTERNAL EXPOSURE MODE
In this case the T_EXP1 pulses should be one CLK_IN period wide exactly. When shorter, they might not be detected
and when longer, this will be seen as 2 (or more) pulses one after the other, which will not give a useable image.
Please note, that a combination of the piecewise linear response and interleaved read-out is not possible.
5.3 WINDOWING
To limit the amount of data or to increase the frame rate of the sensor, windowing in Y direction is possible. The number
of lines and start address can be set by programming the appropriate registers. The CMV300 has the possibility to read
out multiple (max=8) predefined subwindows in one read-out cycle. The default mode is to read-out one window with
the full frame size (648 x 488).
5.3.1 SINGLE WINDOW
When a single window is read out, the start address and size can be uploaded in the corresponding registers. The default
start address is 0 and the default size is 488 (full frame).
Windowing – single window
Register name
Register address
Default value
Description of the value
start1
3-4
0
The value in this register defines the start address of the
window in Y (min=0, max=487)
Number_lines
1-2
488
The value in this register defines the number of lines read
out by the sensor (min=1, max=488)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com