Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG CMV300 Datasheet HTML 50Page - ams-OSRAM AG CMV300 Datasheet HTML 51Page - ams-OSRAM AG CMV300 Datasheet HTML 52Page - ams-OSRAM AG CMV300 Datasheet HTML 53Page - ams-OSRAM AG CMV300 Datasheet HTML 54Page - ams-OSRAM AG CMV300 Datasheet HTML 55Page - ams-OSRAM AG CMV300 Datasheet HTML 56Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 53 of 54
© 2016 CMOSIS bvba
2.
Wipe clean using IPA (isopropyl alcohol) and ESD protective wipes.
12.2.3 IMAGE SENSOR STORING
Image sensors should be stored under the following conditions
1.
Dust free
2.
Temperature 20°C to 40°C
3.
Humidity between 30% and 60%.
4.
Avoid radiation, electromagnetic fields, ESD, mechanical stress
12.2.4 EXCESSIVE LIGHT
Excessive light falling on the sensor can cause heating up the micro lenses and color filters. This heat can cause
deforming of the lenses and/or deterioration of the lenses and color filters by making them more opaque, increasing
the heat up even more. Avoid shining high intensity light upon the sensors for extended periods of time. In case of
lasers, they can cause heat up but can also damage the silicon die itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com