Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG CMV300 Datasheet HTML 20Page - ams-OSRAM AG CMV300 Datasheet HTML 21Page - ams-OSRAM AG CMV300 Datasheet HTML 22Page - ams-OSRAM AG CMV300 Datasheet HTML 23Page - ams-OSRAM AG CMV300 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 18 of 54
© 2016 CMOSIS bvba
SPI_EN
SPI_IN
SPI_CLK
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
½ CLK
1 CLK
FIGURE 8: SPI WRITE TIMING FOR 2 REGISTERS IN BURST
3.9.2 SPI READ
The timing to read data from the registers over the SPI interface can be found below.
SPI_EN
SPI_IN
SPI_CLK
C=
’0'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SPI_OUT
½ CLK
1 CLK
FIGURE 9: SPI READ TIMING
To indicate a read action over the SPI interface, the control bit on the SPI_IN pin is made ‘0’. The address of the register
being read out is sent immediately after this control bit (MSB first). After the LSB of the address bits, the data is launched
on the SPI_OUT pin on the falling edge of the SPI_CLK. This means that the data should be sampled by the receiving
system on the rising edge of the SPI_CLK. The data comes over the SPI_OUT with MSB first. When reading out the
temperature sensor over the SPI, addresses 78 and 79 should be read out in burst mode (keep SPI_EN high).
When SPI_EN is low, SPI_OUT will be (pulled) low.
3.10 REQUESTING A FRAME
After starting up the sensor (see section 3.7), a number of frames can be requested by sending a FRAME_REQ pulse.
The number of frames can be set by programming the appropriate register (addresses 55 and 56). The default number
of frames to be grabbed is 1.
In internal-exposure-time mode, the exposure time will start after this FRAME_REQ pulse. In the external-exposure-
time mode, the read-out will start after the FRAME_REQ pulse. Both modes are explained into detail in the sections
below.
3.10.1 INTERNAL EXPOSURE CONTROL
In this mode, the exposure time is set by programming the appropriate registers (address 42-44) of the CMV300.
After the high state of the FRAME_REQ pulse is detected, the exposure time will start immediately. When the exposure
time ends (as programmed in the registers), the pixels are being sampled and prepared for read-out. This sequence is
called the frame overhead time (FOT). After the FOT, the frame is read-out automatically. If more than one frame is
requested, the exposure of the next frame starts already during the read-out of the previous one (pipeline mode). See
the diagram below for more details.
FRAME_REQ
Exposure time
Frame1_cycle
FOT
Read-out time
Exposure time
Frame2_cycle
FOT
Read-out time
FIGURE 10: REQUEST FOR 2 FRAMES IN INTERNAL- EXPOSURE-TIME MODE
When the exposure time is shorter than the read-out time, the FOT and read-out of the next frame will start immediately
after the read-out of the previous frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com