Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG CMV300 Datasheet HTML 50Page - ams-OSRAM AG CMV300 Datasheet HTML 51Page - ams-OSRAM AG CMV300 Datasheet HTML 52Page - ams-OSRAM AG CMV300 Datasheet HTML 53Page - ams-OSRAM AG CMV300 Datasheet HTML 54Page - ams-OSRAM AG CMV300 Datasheet HTML 55Page - ams-OSRAM AG CMV300 Datasheet HTML 56Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 50 of 54
© 2016 CMOSIS bvba
Specification
Value
Comment
I/O logic levels
LVDS = 2.2V
Logic levels =
3.3V, 2.2V
Supply voltages
2.2 & 3.3 V
3.3V for the pixel array and analog circuits
2.2V for digital circuits and the LVDS drivers
Clock inputs
CLK_IN
Between 10 and 40MHz
Power
700 mW
At 40MHz
Package
CSP
Chip scale package (8 x 8 BGA pins)
Operating range
-30C to +70C
Dark current and noise performance will
degrade at higher temperature
Cover glass
D263
Plain glass, no IR cut-off filter on color devices
ESD
HBM Class 1C
JS-001-2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com